Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 370Page - Renesas Technology Corp SH7041A Datasheet HTML 371Page - Renesas Technology Corp SH7041A Datasheet HTML 372Page - Renesas Technology Corp SH7041A Datasheet HTML 373Page - Renesas Technology Corp SH7041A Datasheet HTML 374Page - Renesas Technology Corp SH7041A Datasheet HTML 375Page - Renesas Technology Corp SH7041A Datasheet HTML 376Page - Renesas Technology Corp SH7041A Datasheet HTML 377Page - Renesas Technology Corp SH7041A Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 923 page
background image
336
12.4.5
Cascade Connection Mode
Cascade connection mode is a function that connects the 16-bit counters of two channels together
to act as a 32-bit counter.
This function operates by using the TPSC2–TPSC0 bits of the TCR register to set the channel 1
counter clock to count by TCNT2 counter overflow/underflow.
Note:
When channel 1 is set to phase counting mode, the counter clock settings become
ineffective.
Table 12.6 shows the cascade connection combinations.
Table 12.6
Cascade Connection Combinations
Combination
Upper 16 Bits
Lower 16 Bits
Channel 1, channel 2
TCNT1
TCNT2
Procedure for Setting Cascade Connection Mode (Figure 12.22):
1.Set the TPSC2–TPSC 0 bits of the channel 1 timer control register (TCR) to B'111 to select
“count by TCNT2 overflow/underflow.”
2.Set the CST bits corresponding to the upper and lower 16 bits in the TSTR to 1 to start the
count operation.
Cascade connection operation
Select cascade connection
Start counting
Cascade connection operation
1
2
Figure 12.22 Procedure for Selecting Cascade Connection Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com