Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 371Page - Renesas Technology Corp SH7041A Datasheet HTML 372Page - Renesas Technology Corp SH7041A Datasheet HTML 373Page - Renesas Technology Corp SH7041A Datasheet HTML 374Page - Renesas Technology Corp SH7041A Datasheet HTML 375Page - Renesas Technology Corp SH7041A Datasheet HTML 376Page - Renesas Technology Corp SH7041A Datasheet HTML 377Page - Renesas Technology Corp SH7041A Datasheet HTML 378Page - Renesas Technology Corp SH7041A Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 923 page
background image
337
Cascade Connection Operation Examples—Phase Counting Mode: Figure 12.23 shows an
example of operation when the TCNT1 counter is set to count on TCNT2 overflow/underflow and
channel 2 is set to phase counting mode.
The TCNT1 counter increments with a TCNT2 counter overflow and decrements with a TCNT2
underflow.
TCLKC
TCLKD
TCNT2
FFFD
FFFF
FFFF
FFFE
0000
0001
0001
0000
0002
TCNT1
0000
0000
0001
Figure 12.23 Cascade Connection Operation Example (Phase Counting Mode)
12.4.6
PWM Mode
PWM mode outputs the various PWM waveforms from output pins. Output levels of 0 output, 1
output, or toggle output can be selected as the output level for the compare-match of each TGR.
A period can be set for a register by using the TGR compare-match as a counter clear source. All
five channels can be independently set to PWM mode. Synchronous operation is also possible.
There are two PWM modes:
• PWM mode 1
Generates PWM output using the TGRA and TGRB registers, and TGRC and TGRD registers
as pairs. The initial output values are those established in the TGRA and TGRC registers.
When the values set in TGR registers being used as a pair are equal, output values will not
change even if a compare-match occurs.
A maximum of 8-phase PWM output is possible for PWM mode 1.
• PWM mode 2
Generates PWM output using one TGR register as a period register and another as a duty cycle
register. The output value of each pin upon a counter clear is the initial value established by the
TIOR register. When the values set in the period register and duty register are equal, output
values will not change even if a compare-match occurs. PWM mode 2 can be set only for
channels 0, 1, and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com