Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 560Page - Renesas Technology Corp SH7041A Datasheet HTML 561Page - Renesas Technology Corp SH7041A Datasheet HTML 562Page - Renesas Technology Corp SH7041A Datasheet HTML 563Page - Renesas Technology Corp SH7041A Datasheet HTML 564Page - Renesas Technology Corp SH7041A Datasheet HTML 565Page - Renesas Technology Corp SH7041A Datasheet HTML 566Page - Renesas Technology Corp SH7041A Datasheet HTML 567Page - Renesas Technology Corp SH7041A Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 923 page
background image
526
Figure 14.19 shows an example of SCI transmit operation.
Bit 0
Bit 1
Bit 7
Bit 0
Bit 1
Bit 6
Synchroni-
zation clock
Serial data
Transmit direction
Bit 7
TxI interrupt
handler writes
data in TDR and
clears TDRE to 0
1 frame
TxI
request
TxI
request
TDRE
TEND
LSB
MSB
TEI
request
Figure 14.19 Example of SCI Transmit Operation
SCI serial transmission operates as follows.
1.The SCI monitors the TDRE bit in the SSR.When TDRE is cleared to 0 the SCI recognizes
that the transmit data register (TDR) contains new data and loads this data from the TDR into
the transmit shift register (TSR).
2.After loading the data from the TDR into the TSR, the SCI sets the TDRE bit to 1 and starts
transmitting. If the transmit-data-empty interrupt enable bit (TIE) in the SCR is set to 1, the
SCI requests a transmit-data-empty interrupt (TxI) at this time.
If clock output mode is selected, the SCI outputs eight synchronous clock pulses. If an external
clock source is selected, the SCI outputs data in synchronization with the input clock. Data are
output from the TxD pin in order from the LSB (bit 0) to the MSB (bit 7).
3.The SCI checks the TDRE bit when it outputs the MSB (bit 7).If TDRE is 0, the SCI loads
data from the TDR into the TSR, then begins serial transmission of the next frame. If TDRE is
1, the SCI sets the TEND bit in the SSR to 1, transmits the MSB, then holds the transmit data
pin (TxD) in the MSB state. If the transmit-end interrupt enable bit (TEIE) in the SCR is set to
1, a transmit-end interrupt (TEI) is requested at this time.
4.After the end of serial transmission, the SCK pin is held in the high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com