Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 567 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 567 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 563Page - Renesas Technology Corp SH7041A Datasheet HTML 564Page - Renesas Technology Corp SH7041A Datasheet HTML 565Page - Renesas Technology Corp SH7041A Datasheet HTML 566Page - Renesas Technology Corp SH7041A Datasheet HTML 567Page - Renesas Technology Corp SH7041A Datasheet HTML 568Page - Renesas Technology Corp SH7041A Datasheet HTML 569Page - Renesas Technology Corp SH7041A Datasheet HTML 570Page - Renesas Technology Corp SH7041A Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 923 page
background image
529
Error handling
End
Clear ORER bit of SSR to 0
Overrun error processing
Figure 14.21 Sample Flowchart for Serial Receiving (2)
Figure 14.22 shows an example of the SCI receive operation.
Bit 7
Bit 0
Bit 7
Bit 0
Bit 1
Bit 6
Synchroni-
zation clock
Serial
data
Transfer direction
Bit 7
Read data with RxI
interrupt processing
routine and clear
RDRF bit to 0
1 frame
RxI request
RxI request
ERI interrupt
request generated
by overrun error
RDRF
ORER
Figure 14.22 Example of SCI Receive Operation
In receiving, the SCI operates as follows:
1.The SCI synchronizes with serial clock input or output and initializes internally.
2.Receive data is shifted into the RSR in order from the LSB to the MSB.After receiving the
data, the SCI checks that RDRF is 0 so that receive data can be loaded from the RSR into the
RDR. If this check passes, the SCI sets RDRF to 1 and stores the received data in the RDR. If
the check does not pass (receive error), the SCI operates as indicated in table 14.11 and no
further transmission or reception is possible. If the error flag is set to 1, the RDRF bit is not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com