Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 146Page - Renesas Technology Corp SH7041A Datasheet HTML 147Page - Renesas Technology Corp SH7041A Datasheet HTML 148Page - Renesas Technology Corp SH7041A Datasheet HTML 149Page - Renesas Technology Corp SH7041A Datasheet HTML 150Page - Renesas Technology Corp SH7041A Datasheet HTML 151Page - Renesas Technology Corp SH7041A Datasheet HTML 152Page - Renesas Technology Corp SH7041A Datasheet HTML 153Page - Renesas Technology Corp SH7041A Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 923 page
background image
112
6.4
Interrupt Operation
6.4.1
Interrupt Sequence
The sequence of interrupt operations is explained below. Figure 6.3 is a flowchart of the
operations.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest priority interrupt in the interrupt requests sent,
following the priority levels set in interrupt priority level setting registers A–H (IPRA–IPRH).
Lower-priority interrupts are ignored. They are held pending until interrupt requests designated
as edge-detect type are accepted. For IRQ interrupts, however, withdrawal is possible by
accessing the IRQ status register (ISR). See section 6.2.3, IRQ Interrupts, for details. Interrupts
held pending due to edge detection are cleared by a power-on reset or a manual reset. If two of
these interrupts have the same priority level or if multiple interrupts occur within a single
module, the interrupt with the highest default priority or the highest priority within its IPR
setting range (as indicated in table 6.3) is selected.
3. The interrupt controller compares the priority level of the selected interrupt request with the
interrupt mask bits (I3–I0) in the CPU’s status register (SR). If the request priority level is
equal to or less than the level set in I3–I0, the request is ignored. If the request priority level is
higher than the level in bits I3–I0, the interrupt controller accepts the interrupt and sends an
interrupt request signal to the CPU.
4. When the interrupt controller accepts an interrupt, a low level is output from the
IRQOUT pin.
5. The CPU detects the interrupt request sent from the interrupt controller when it decodes the
next instruction to be executed. Instead of executing the decoded instruction, the CPU starts
interrupt exception processing (figure 6.4).
6. SR and PC are saved onto the stack.
7. The priority level of the accepted interrupt is copied to the interrupt mask level bits (I3–I0) in
the status register (SR).
8. When the accepted interrupt is sensed by level or is from an on-chip peripheral module, a high
level is output from the
IRQOUT pin. When the accepted interrupt is sensed by edge, a high
level is output from the
IRQOUT pin at the point when the CPU starts interrupt exception
processing instead of instruction execution as noted in (5) above. However, if the interrupt
controller accepts an interrupt with a higher priority than one it is in the midst of accepting, the
IRQOUT pin will remain low level.
9. The CPU reads the start address of the exception service routine from the exception vector
table for the accepted interrupt, jumps to that address, and starts executing the program there.
This jump is not a delay branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com