Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 147Page - Renesas Technology Corp SH7041A Datasheet HTML 148Page - Renesas Technology Corp SH7041A Datasheet HTML 149Page - Renesas Technology Corp SH7041A Datasheet HTML 150Page - Renesas Technology Corp SH7041A Datasheet HTML 151Page - Renesas Technology Corp SH7041A Datasheet HTML 152Page - Renesas Technology Corp SH7041A Datasheet HTML 153Page - Renesas Technology Corp SH7041A Datasheet HTML 154Page - Renesas Technology Corp SH7041A Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 923 page
background image
113
No
Yes
NMI?
No
Yes
User break?
No
Yes
Level 15
interrupt?
No
Yes
I3 to I0
≤
level 14?
No
Yes
Level 14
interrupt?
No
Yes
Yes
I3 to I0
≤
level 13?
No
Yes
Level 1
interrupt?
No
Yes
I3 to I0 =
level 0?
No
Program
execution state
IRQOUT = low level*1
Save SR to stack
Save PC to stack
IRQOUT = high level*2
Branches to exception
service routine
I3 to I0: Interrupt mask bits of status register
Interrupt?
Copy accept-interrupt
level to I3 to I0
Reads exception
vector table
Notes: *1
*2
IRQOUT is the same signal as the interrupt request signal to the CPU (see
figure 6.1). Thus, it is output when there is a higher priority interrupt request
than the one in the I3 to I0 bits of the SR.
When the accepted interrupt is sensed by edge, the
IRQOUT pin becomes
high level at the point when the CPU starts interrupt exception processing
instead of instruction execution (before SR is saved to the stack).
If the interrupt controller has accepted another interrupt with a higher priority
and has output an interrupt request to the CPU, the
IRQOUT pin will remain
low level.
Figure 6.3 Interrupt Sequence Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com