Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 179Page - Renesas Technology Corp SH7041A Datasheet HTML 180Page - Renesas Technology Corp SH7041A Datasheet HTML 181Page - Renesas Technology Corp SH7041A Datasheet HTML 182Page - Renesas Technology Corp SH7041A Datasheet HTML 183Page - Renesas Technology Corp SH7041A Datasheet HTML 184Page - Renesas Technology Corp SH7041A Datasheet HTML 185Page - Renesas Technology Corp SH7041A Datasheet HTML 186Page - Renesas Technology Corp SH7041A Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 923 page
background image
145
8.3.2
Activating Sources
The DTC performs write operations to the DTCSR with either interrupt sources or software as its
activating sources. Each interrupt source is designated by specific DTER bits to determine whether
it becomes an interrupt request to the CPU or a DTC activating source.
When the DISEL bit is 1, an interrupt, established as the DTC activating source, is requested of
the CPU after each data transfer in DRC. When the DISEL bit is a 0, a request is made only after
the completion of a designated number of data transfers. When the activating source interrupt is
requested of the CPU, the corresponding DTER bit is automatically cleared.
In the case of software activation also, when the DISEL bit is a 1, a software DTC activation
interrupt (SWDTCE) is requested of the CPU after each data transfer. When the DISEL bit is a 0,
a request is made only after the completion of a designated number of data transfers. When no
SWDTCE interrupt is requested of the CPU, the SWDTE bit of the DTCSR is automatically
cleared. When a request is made of the CPU, the SWDTE bit is maintained as a 1.
When multiple DTC activating sources occur simultaneously, they are accepted and the DTC is
activated in accordance with the default priority rankings shown in table 8.2.
Figure 8.3 shows a block diagram of activating source control.
IRQ
On-chip
peripheral
Interrupt
requests
Source
flag clear
Source flag clear
Interrupt requests
(those not designated as
DMAC activating sources)
CPU Interrupt requests
(those not designated as
DTC activating sources)
Clear
DTC activation request
DTC
control
DTER
DTC
INTC
DMAC
Figure 8.3 Activating Source Control Block Diagram
8.3.3
DTC Vector Table
Figure 8.4 shows the correspondence between DTC vector addresses and register information
placement. For each DTC activating source there are 2 bytes in the DTC vector table, which
contain the register information start address.
Table 8.2 shows the correspondence between activating sources and vector addresses. When
activating with software, the vector address is calculated as H'0400 + DTVEC[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com