Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 183Page - Renesas Technology Corp SH7041A Datasheet HTML 184Page - Renesas Technology Corp SH7041A Datasheet HTML 185Page - Renesas Technology Corp SH7041A Datasheet HTML 186Page - Renesas Technology Corp SH7041A Datasheet HTML 187Page - Renesas Technology Corp SH7041A Datasheet HTML 188Page - Renesas Technology Corp SH7041A Datasheet HTML 189Page - Renesas Technology Corp SH7041A Datasheet HTML 190Page - Renesas Technology Corp SH7041A Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 923 page
background image
149
Register
information
start address
Memory space
Memory space
Memory space
Register
information
Normal mode
Repeat mode
Block transfer mode
DTMR
DTCRA
DTSAR
DTDAR
DTMR
DTCRA
DTSAR
DTDAR
DTIAR
DTMR
DTCRA
DTSAR
DTDAR
DTCRB
Figure 8.5 DTC Register Information Placement in Memory Space
8.3.5
Normal Mode
Performs the transfer of one byte, one word, or one longword for each activation. The total
transfer count is 1 to 65536. An interrupt request is generated to the CPU when the transfer with
DTCRA = 1 ends. Transfers of a number of bytes specified by the SCI are possible.
Table 8.3 shows the register functions for normal mode.
Table 8.3
Normal Mode Register Functions
Values Written Back upon a
Transfer Information Write
Register
Function
When DTCRA
is other than 1
When DTCRA is 1
DTMR
Operation mode
control
DTMR
DTMR
DTCRA
Transfer count
DTCRA – 1
DTCRA – 1 (= H'0000)
DTSAR
Transfer source
address
Increment/decrement/
fixed
Increment/decrement/
fixed
DTDAR
Transfer destination
address
Increment/decrement/
fixed
Increment/decrement/
fixed
8.3.6
Repeat Mode
Performs the transfer of one byte, one word, or one longword for each activation. Either the
transfer source or transfer destination is designated as the repeat area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com