Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 218Page - Renesas Technology Corp SH7041A Datasheet HTML 219Page - Renesas Technology Corp SH7041A Datasheet HTML 220Page - Renesas Technology Corp SH7041A Datasheet HTML 221Page - Renesas Technology Corp SH7041A Datasheet HTML 222Page - Renesas Technology Corp SH7041A Datasheet HTML 223Page - Renesas Technology Corp SH7041A Datasheet HTML 224Page - Renesas Technology Corp SH7041A Datasheet HTML 225Page - Renesas Technology Corp SH7041A Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 923 page
background image
184
10.2.8
Refresh Time Constant Register (RTCOR)
RTCOR is a 16-bit read/write register that establishes the compare match period with RTCNT.
The values of RTCOR and RTCNT are constantly compared. When the values correspond, the
compare match flag of RTCSR is set and RTCNT is cleared to 0.
When the refresh bit (RFSH) of the RTCSR is set to 1 and the RMD bit is 0, a refresh request
signal is produced by this match. The refresh request signal is held until a refresh operation is
performed. If the refresh request is not processed before the next match, the previous request
becomes ineffective.
When the CMIE bit of the RTSCR is set to 1, an interrupt request is sent to the interrupt controller
by this match signal. The interrupt request is output continuously until the CMF bit of the RTSCR
is cleared.
Bits 15–8 are reserved and cannot be used in setting the period. They always read 0.
RTCOR is initialized by power-on resets to H'0000, but is not initialized by manual resets or
software standbys.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com