Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2995 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 3Page - Analog Devices LTC2995 Datasheet HTML 4Page - Analog Devices LTC2995 Datasheet HTML 5Page - Analog Devices LTC2995 Datasheet HTML 6Page - Analog Devices LTC2995 Datasheet HTML 7Page - Analog Devices LTC2995 Datasheet HTML 8Page - Analog Devices LTC2995 Datasheet HTML 9Page - Analog Devices LTC2995 Datasheet HTML 10Page - Analog Devices LTC2995 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
LTM2985
7
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Full scale ADC error. Measurements do not include reference error.
Note 3: Guaranteed by design, not subject to test.
Note 4: The input referred noise includes the contribution of internal
calibration operations.
Note 5: MUX configuration delay = default 1ms.
Note 6: Global configuration set to 60Hz rejection.
Note 7: Global configuration set to 50Hz rejection.
Note 8: Global configuration default 50Hz/60Hz rejection.
Note 9: The exact value of VREF is stored in the LTM2985 and used
for all measurement calculations. Temperature coefficient is measured
by dividing the maximum change in output voltage by the specified
temperature range.
Note 10: Analog power-up. Command status register inaccessible during
this time.
Note 11: Digital initialization. Begins at the conclusion of analog power-up.
Command status register is 0×80 at the beginning of digital initialization
and 0×40 at the conclusion.
Note 12: Long-term stability typically has a logarithmic characteristic
and therefore, changes after 1000 hours tend to be much smaller than
before that time. Total drift in the second thousand hours is normally less
than one third that of the first thousand hours with a continuing trend
toward reduced drift with time. Long-term stability will also be affected by
differential stresses between the IC and the board material created during
board assembly.
Note 13: Hysteresis in output voltage is created by package stress
that differs depending on whether the IC was previously at a higher or
lower temperature. Output voltage is always measured at 25°C, but
the IC is cycled to the hot or cold temperature limit before successive
measurements. Hysteresis measures the maximum output change for the
averages of three hot or cold temperature cycles. For instruments that
are stored at well controlled temperatures (within 20 or 30 degrees of
operational temperature), it is usually not a dominant error source. Typical
hysteresis is the worst-case of 25°C to cold to 25°C or 25°C to hot to
25°C, preconditioned by one thermal cycle.
Note 14: Differential Input Range is ±VREF/2.
Note 15: RTD and thermistor measurements are made ratiometrically.
As a result, current source excitation variation does not affect absolute
accuracy. Choose an excitation current such that largest sensor or RSENSE
resistance value, when driven by the nominal excitation current, will drop
1V or less. The extended ADC input range will accommodate variation in
excitation current and the ratiometric calculation will negate the absolute
value of the excitation current.
Note 16: 10-year data retention guaranteed for up to 1000 program cycles.
Note 17: Do not apply voltage or current sources to these pins. They must
be connected to capacitive loads only. Otherwise, permanent damage may
occur.
Note 18: Input leakage measured with VIN = –10mV and VIN = 2.5V.
Note 19: This Module includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above specified maximum operating junction
temperature may result in device degradation or failure.
Note 20: Device considered a 2-terminal device. Pin group A1 through C11
shorted together and pin group R1 through T11 shorted together.
Note 21: The rated dielectric insulation voltage should not be interpreted
as a continuous voltage rating.
LTM2985 EEPROM CHARACTERISTICS
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Retention
(Notes 3, 16)
l
10
Years
Endurance
(Note 3)
l
10000
Cycles
Programming Time
Complete Transfer from RAM to EEPROM
l
2600
ms
Read Time
Complete Transfer from EEPROM to RAM
l
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com