Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 24Page - Analog Devices LTC4366 Datasheet HTML 25Page - Analog Devices LTC4366 Datasheet HTML 26Page - Analog Devices LTC4366 Datasheet HTML 27Page - Analog Devices LTC4366 Datasheet HTML 28Page - Analog Devices LTC4366 Datasheet HTML 29Page - Analog Devices LTC4366 Datasheet HTML 30Page - Analog Devices LTC4366 Datasheet HTML 31Page - Analog Devices LTC4366 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC7862
32
Rev 0
For more information www.analog.com
D16886-0-5/18(0)
www.analog.com
ANALOG DEVICES, INC. 2018
RELATED PARTS
TYPICAL APPLICATION
PART
NUMBER
DESCRIPTION
COMMENTS
LTC7860
High Efficiency Switching Surge Stopper
3.5V ≤ VIN ≤ 60V, Expandable to 200V+, Adjustable VOUT Clamp and Current
Limit, Power Inductor Improves EMI, MSOP-12
LT4356
Surge Stopper with Current Limit
4V to 80V Operation; 100V Protection; DFN-12, MSOP-10 and SO-16 Packages
LTC4359
Ideal Diode Controller
4V to 80V Operation, –40V Input Protection, DFN-8 and MSOP-8 Packages
LTC4361
Overvoltage/Overcurrent Protection Controller
2.5V to 5.5V Operation, 80V Protection, TSOT-8 and DFN-8 Packages
LT4363
Surge Stopper with Current Limit
4V to 80V Operation; >100V Protection; DFN-12, MSOP-12 and SO-16 Packages
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation; –40V to >100V Protection; DFN-14, MSOP-16 and
SO-16 Packages
LTC4365
OV, UV and Reverse Input Protection Controller
2.5V to 34V Operation, –40V to 60V Protection, DFN-8 and TSOT-8 Packages
LTC4366
High Voltage Surge Stopper
9V to >500V Operation, Floating Topology, TSOT-8 and DFN-8 Packages
LTC4367
OV, UV and Reverse Input Protection Controller
2.5V to 60V Operation, –40V to 100V Protection, DFN-8 and MSOP-8 Packages
LTC4368
LTC4367 + Bidirectional Circuit Breaker
±50mV or +50mV/–3mV Circuit Breaker Thresholds; DFN-10, MSOP-10
Packages
LTC4380
Low Quiescent Current Surge Stopper
4V to 72V Operation, 80V Protection, 8µA, IQ, MSOP-10, DFN-10 Packages
LTC3895/
LTC7801
150V Low IQ, Synchronous Step-Down DC/DC Controller
100% Duty Cycle Capability, Adjustable 5V to 10V Gate Drive
4V ≤ VIN ≤ 140V, 150VPK, 0.8V ≤ VOUT ≤ 60V, IQ = 40µA PLL Fixed Frequency
50kHz to 900kHz
LTC3896
150V Low IQ, Synchronous Inverting DC/DC Controller
4V ≤ VIN ≤ 140V, 150VPK, –60V ≤ VOUT ≤ –0.8V, Ground-Reference Interface
Pins, Adjustable 5V to 10V Gate Drive, IQ = 40µA
LTC3871
Bidirectional PolyPhase® Synchronous Buck or Boost
Controller
VHIGH Up to 100V, VLOW Up to 30V, High Power Buck or Boost On Demand
LTC3639
High Efficiency, 150V 100mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC3638
High Efficiency, 140V 250mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 140V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC7138
High Efficiency, 140V 400mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 140V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC7103
105V, 2.3A Low EMI Synchronous Step-Down Regulator
4.4V ≤ VIN ≤ 105V, 1V ≤ VOUT ≤ VIN, IQ = 2µA Fixed Frequency 200kHz to
2MHz, 5mm × 6mm QFN
Figure 12. 8V to 140V Input, 5A 535kHz Surge Stopper for 24V or 28V Systems
MTOP
1M
MBOT
6mΩ
L
15µH
1nF
10Ω
1M
24.3k
CB
0.22µF
4.7µF
100pF
6.8nF
D1
22µF
100k
7862 F12
0.1µF
4.75k
0.1µF
VFB
DRVUV
FREQ
ITH
RUN
INTVCC
VIN
BG
SW
TG
BOOST
TMR
SENSE+ SENSE–
LTC7862
VIN
8V TO 140V
MTOP: INFINEON BSC160N15NS5
MBOT: INFINEON BSC160N15NS5
L: COILCRAFT XAL1010-153ME
CINA: SUNCON 160CE22LH
CINB: TDK CGA8P3X7T2E105M250KA
COUT: TDK C4532X7R2A225K230KA
CB: TDK CGA5L3X7T2E224K160AA
D1: NEXPERIA PNE20010ER
DRVCC
SS
OVLO
EXTVCC
GND
WARNB
*VOUT
CLAMPED AT 34V
5A
COUT
2.2µF
×3
INTVCC
WARNB
DRVCC
CINB
1µF
×2
CINA
22µF
* VOUT FOLLOWS VIN WHEN VIN < 34V
VOUT CLAMPS AT 34V WHEN VIN > 34V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com