Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4367 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC7862
11
Rev 0
For more information www.analog.com
FUNCTIONAL DIAGRAM
20µA
10µA
COOLDOWN
SHDN
3V
2mV
TMR
40µA
DROPOUT
CTMR
7862 BD01
15M
RA
RB
CC2
CC1
RC
CIN
CB
L
RSENSE
COUT
VOUT
CSS
WARNB
DROPOUT
COOLDOWN
SHDN
OVLO
RUN
1.2V
VCO
FREQ
VIN
DRVCC
SS
ITH
VFB
SENSE–
SENSE+
GND
BG
SW
TG
BOOST
DRVCC LDO/UVLO
CONTROL
INTVCC
EXTVCC
DRVUV
INTVCC
LDO
4.7V/7.7V
VIN LDO
EXTVCC LDO
3.5V
CHARGE
PUMP
DROPOUT
DETECT
SWITCH
LOGIC
DRVCC
TOP
BOT
DROPOUT
TOPON
Q
S
R
EA
ICMP
IR
0.88V
CLK
1.8V
SLOPE COMP
0.80V
SS
V
MTOP
(MAIN)
MBOT
(SYNCHRONOUS)
IN
DB
DRVCC
9V
6V
EN
EN
1.1µA
DROPOUT
COOLDOWN
SHDN
2.19V
0.25V
+
–
–
+
Q
S
COOLDOWN
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com