Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEALINGKIT Datasheet(PDF) 1 Page - Schurter Inc.

Part # SEALINGKIT
Description  Sealing for Appliance Inlets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SEALINGKIT Datasheet(HTML) 1 Page - Schurter Inc.

  SEALINGKIT_V01 Datasheet HTML 1Page - Schurter Inc. SEALINGKIT_V01 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Accessories
Sealing Kit
https://www.schurter.com /PGZ01
Connectors
Sealing for Appliance Inlets
6100-3 with sealing kit IP54 to appliance
(without locking brackets)
See below:
Approvals and Compliances
Description
- Protects from ingressing fluids and dust into the appliance
- 1 Function
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
IEC 62368-1 includes the basic requirements for safety of audio, video,
information technology and office equipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Assembly Instructions
4
2
3
1
5
6
Panel thickness max. 3 mm
Tightening torque max 0.1 Nm
1 Chassis 2 Appliance inlet
3 Flat gasket (included in 0098.0103)
4 Srew with sealing (included in 0098.0103)
5 Lock washer (not part of kit)
6 Nut 0.8d (not part of kit)
1) Mounted from rear side
4
2
3
1
5
6
Panel thickness max. 3 mm
Tightening torque max 0.1 Nm


Similar Part No. - SEALINGKIT_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SEALINGKIT SCHURTER-SEALINGKIT Datasheet
216Kb / 2P
Sealing for Appliance Inlets
More results

Similar Description - SEALINGKIT_V01

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PS00 BULGIN-PS00 Datasheet
202Kb / 2P
Medical IEC Power Inlets Flange and Snap Fit
logo
Axiomtek Co., Ltd.
NA-200A AXIOMTEK-NA-200A Datasheet
325Kb / 1P
Suitable for network appliance
NA-811C AXIOMTEK-NA-811C Datasheet
195Kb / 1P
Suitable for network appliance
logo
List of Unclassifed Man...
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
NC3030716-284 ETC2-NC3030716-284 Datasheet
316Kb / 3P
Sealing Boots for Pushbutton-Actuated Switches
logo
Schurter Inc.
0098.0103 SCHURTER-0098.0103 Datasheet
187Kb / 1P
Sealing for Appliance Inlets
SEALINGKIT SCHURTER-SEALINGKIT Datasheet
216Kb / 2P
Sealing for Appliance Inlets
logo
Schneider Electric
ETXSA12B SCHNEIDER-ETXSA12B Datasheet
89Kb / 2P
ETB - Sealing plug for M12
JUN 30, 2021
logo
Schurter Inc.
BC320 SCHURTER-BC320 Datasheet
118Kb / 1P
Blind cover for appliance outlets
BC320 SCHURTER-BC320_V01 Datasheet
118Kb / 1P
Blind cover for appliance outlets
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com