Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS1D2N03DSD Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS1D2N03DSD
Description  POWERTRENCH Power Clip 30 V Asymmetric Dual N?륝hannel MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS1D2N03DSD Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS1D2N03DSD Datasheet HTML 1Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 2Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 3Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 4Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 5Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 6Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 7Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 8Page - ON Semiconductor FDMS1D2N03DSD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FDMS1D2N03DSD
www.onsemi.com
2
MOSFET MAXIMUM RATINGS (TA = 25°C, Unless otherwise specified)
Symbol
Parameter
Q1
Q2
Unit
VDS
Drain to Source Voltage
30
30
V
VGS
Gate to Source Voltage
+16/−12
+16/−12
V
ID
Drain Current
− Continuous (TC = 25°C) (Note 5)
70
164
A
− Continuous (TC = 85°C) (Note 5)
54
126
− Continuous (TA = 25°C)
19 (Note 1a)
37 (Note 1b)
− Continuous (TA = 85°C)
15 (Note 1a)
29 (Note 1b)
− Pulsed (TA = 25°C) (Note 4)
362
1199
EAS
Single Pulsed Avalanche Energy (Note 3)
121
337
mJ
PD
Power Dissipation for Single Operation
(TC = 25°C)
(TA = 25°C)
26
2.1 (Note 1a)
42
2.3 (Note 1b)
W
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Q1
Q2
Unit
RqJC
Thermal Resistance, Junction to Case
4.8
3.0
_C/W
RqJA
Thermal Resistance, Junction to Ambient
60 (Note 1a)
55 (Note 1b)
_C/W
RqJA
Thermal Resistance, Junction to Ambient
130 (Note 1c)
120 (Note 1d)
_C/W
PACKAGE MARKING AND ORDERING INFORMATION
Device
Top Marking
Package
Reel Size
Tape Width
Quantity
FDMS1D2N03DSD
FDMS1D2N03DSD
Power Clip 56 (PGFN8)
(Pb-Free / Halogen Free)
13
″
12 mm
3,000 Units
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Unit
OFF CHARACTERISTICS
BVDSS
Drain to Source Breakdown Voltage
ID = 1 mA, VGS = 0 V
Q1
Q2
30
30
−
−
−
−
V
DBVDSS/DTJ
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, referenced to 25_C
Q1
Q2
−
−
15
21
−
−
mV/
_C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
Q1
Q2
−
−
−
−
1
500
mA
IGSS
Gate to Source Leakage Current,
Forward
VGS = +16 V/−12 V,
VDS= 0 V
Q1
Q2
−
−
−
−
±100
±100
nA
nA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 320 mA
VGS = VDS, ID = 1 mA
Q1
Q2
0.8
1.0
1.3
1.5
2.5
3.0
V
DVGS(th)/DTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 1 mA, referenced to 25_C
ID = 10 mA, referenced to 25_C
Q1
Q2
−
−
−3
−3
−
−
mV/
_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com