Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28EL22 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS28EL22
Description  DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28EL22 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS28EL22 Datasheet HTML 1Page - Maxim Integrated Products DS28EL22 Datasheet HTML 2Page - Maxim Integrated Products DS28EL22 Datasheet HTML 3Page - Maxim Integrated Products DS28EL22 Datasheet HTML 4Page - Maxim Integrated Products DS28EL22 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS28EL22
DeepCover Secure Authenticator with
1-Wire SHA-256 and 2Kb User EEPROM
4
Maxim Integrated
Pin Configuration
Typical Operating Characteristics
(VPUP = 1.71V, VIL = 0.3V, unless otherwise noted.)
Pin Description
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Note 26: Refer to the full data sheet.
PIN
NAME
FUNCTION
1, 4,
5, 6
N.C.
Not Connected
2
IO
1-Wire Bus Interface. Open-drain signal
that requires an external pullup resistor.
3
GND
Ground Reference
—
EP
Exposed Pad. Solder evenly to the
board’s ground plane for proper
operation. Refer to Application Note
3273: Exposed Pads: A Brief Introduction
for additional information.
16
N.C.
N.C.
25
IO
N.C.
34
GND
N.C.
TDFN
(3mm × 3mm)
TOP VIEW
DS28EL22
+
EP
POWER-UP TIME
TEMPERATURE (°C)
80
60
0
20
40
-20
20
40
60
80
100
120
140
160
180
0
-40
ABRIDGED DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com