Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT760 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # BAT760
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT760 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  BAT760 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT760 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT760 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT760 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT760 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT760 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Schottky Barrier Rectifier
BAT760 / BAT760DE
www.futurewafer.com.tw
Document Number:F21821P
21-Apr-21 V 2.0
6. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient
R ɵJA
220
°
C/W
Typical Thermal Resistance Junction to Case
R ɵJC
50
Operating Temperature Range
T J
-55 to +150
°
C
Storage Temperature Range
T STG
IO,Average Rectifield Output Current,(A)
VF,Instantaneous Forward Voltage (V)
TA,Ambient Temperature(°C)
Fig2 ,Typical Forward Characteristics
Fig3 ,Typical Reverse Characteristics
Fig4 ,Forward Current Derating Curve
VR,Instantaneous Reverse Voltage of percent(%)
Fig1 ,Maximum Non-Repetitive Forward Surge Current
TA = 25°C
TA = 100°C
TA = 25°C
TA = 75°C
TA = 125°C
TA = 125°C
7. Rating and Characteristic Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com