Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BC856
Description  PNP Silicon Epitaxial General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BC856 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BC856 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BC856 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document Number:F51841P
21-May-2021 V 2.0
www.futurewafer.com.tw
BC856 / BC857 / BC858
PNP Silicon Epitaxial
General Purpose Transistors
SOT-23
2. Mechanical Characteristics
●
Molded JEDEC SOT-23 Package
●
Packaging: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
3. Device Characteristics
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Value
Units
Collector Base Voltage
BC856
V CBO
-80
V dc
BC857
-50
BC858
-30
Collector Emitter Voltage
BC856
V CEO
-65
BC857
-45
BC858
-30
Emitter Base Voltage
BC856
V EBO
-6.0
BC857
-6.0
BC858
-5.0
Collector Current
I C
-100
mAdc
Total Device Dissipation FR-5 Board
P D
-200
mW
Junction Temperature
T J
-55 to 150
°
C
Storage Temperature
T STG
1. Features List
●
Complementary PNP types available
●
For switching and AF Amplifier applications
●
Totally Lead-Free
Pin 1 : Base
Pin 2 : Emitter
Pin 3 : Collector
1
2
3


Similar Part No. - BC856

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC856 GE-BC856 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC856 KEC-BC856 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC856

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L8550HPLT1G LRC-L8550HPLT1G_11 Datasheet
85Kb / 3P
General Purpose Transistors PNP Silicon Epitaxial planar type.
logo
Cystech Electonics Corp...
HBA1873S5 CYSTEKEC-HBA1873S5 Datasheet
267Kb / 7P
General Purpose PNP Epitaxial Planar Transistors
HBA8573S6R CYSTEKEC-HBA8573S6R Datasheet
255Kb / 6P
General Purpose PNP Epitaxial Planar Transistors
HBP1037C6 CYSTEKEC-HBP1037C6 Datasheet
269Kb / 6P
General Purpose PNP Epitaxial Planar Transistors
HBP1037S5 CYSTEKEC-HBP1037S5 Datasheet
253Kb / 6P
General Purpose PNP Epitaxial Planar Transistors
HBA1514S6R CYSTEKEC-HBA1514S6R Datasheet
325Kb / 7P
General Purpose PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com