Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV199D Datasheet(PDF) 9 Page - FutureWafer Tech Co.,Ltd

Part # BAV199D
Description  Surface Mount Switching Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV199D Datasheet(HTML) 9 Page - FutureWafer Tech Co.,Ltd

Back Button BAV199D Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAV199D Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Surface Mount Switching Diode Array
www.futurewafer.com.tw
BAV199 Family
Document Number:F31836A
22-Jul-2021 V 2.0
15. Package Information-SOT-23
16. Suggest Pad Layout-SOT-23
SOT-23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
8°C
Dimension
Millimeter
C
2.0
X
0.8
X1
1.35
Y
0.9
Y1
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com