Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96708 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 2Page - Maxim Integrated Products MAX96708 Datasheet HTML 3Page - Maxim Integrated Products MAX96708 Datasheet HTML 4Page - Maxim Integrated Products MAX96708 Datasheet HTML 5Page - Maxim Integrated Products MAX96708 Datasheet HTML 6Page - Maxim Integrated Products MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Figure 10. Lock Time .......................................................................... 24
Figure 11. Power-Up Delay ..................................................................... 24
Figure 12. Active Output to High-Impedance Time, High Impedance to Active-Output Time Test Circuit ......... 25
Figure 13. Active Output to High-Impedance Time, High Impedance to Active-Output Time .................. 25
Figure 14. 24-Bit Mode Serial-Data Format......................................................... 27
Figure 15. 32-Bit Mode Serial-Data Format......................................................... 28
Figure 16. Coax Connection .................................................................... 30
Figure 17. Crosspoint-Switch Dataflow ............................................................ 30
Figure 18. State Diagram ....................................................................... 32
Figure 19. GMSL-UART Data Format for Base Mode ................................................. 61
Figure 20. GMSL-UART Protocol for Base Mode .................................................... 61
Figure 21. SYNC Byte (0x79).................................................................... 61
Figure 22. ACK Byte (0xC3)..................................................................... 61
Figure 23. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 0)........ 62
Figure 24. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 1)........ 62
Figure 25. Human Body Model ESD Test Circuit..................................................... 64
Figure 26. IEC 61000-4-2 Contact Discharge ESD Test Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 27. ISO 10605 Contact Discharge ESD Test Circuit ............................................ 64
Table 1. Reverse Control-Channel Modes.......................................................... 29
Table 2. Link-Startup Procedure ................................................................. 31
Table 3. Output-Data Width Selection ............................................................. 57
Table 4. Data-Rate Selection Table ............................................................... 57
Table 5. Output Map (DBL = 0 or DBL = 1, First Word) ............................................... 58
Table 6. Output Map (DBL = 1, Second Word) ...................................................... 59
Table 7. Legend .............................................................................. 59
Table 8. Default-Device Address ................................................................. 63
Table 9. Cable-Equalizer Boost Levels ............................................................ 63
Table 10. Feature Compatibility .................................................................. 65
Table 11. Suggested Connectors and Cables for GMSL............................................... 66
www.maximintegrated.com
Maxim Integrated │ 6
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input
LIST OF TABLES
LIST OF FIGURES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com