Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN5732 Datasheet(PDF) 2 Page - Integral Corp.

Part # IN5732
Description  4BIT SINGLE CHIP MICROCOMPUTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN5732 Datasheet(HTML) 2 Page - Integral Corp.

  IN5732 Datasheet HTML 1Page - Integral Corp. IN5732 Datasheet HTML 2Page - Integral Corp. IN5732 Datasheet HTML 3Page - Integral Corp. IN5732 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IN5732
2
ABSOLUTE MAXIMUM RATINGS at Ta=25 ,VDD=0V
Parameter
Sign.
Pins and Conditions
Value
Unit
Maximum Supply Voltage
VSS1
VSS2
-4.0 to +0.3 -4.0
to +0.3
V
Maximum Input Voltage
VIN
S1-4, M1-4, 32Hz, TEST, 10P,
OSCIN, RES
VSS1-0.3 to +0.3
V
Maximum Ouptut Voltage
VOUT1
VOUT2
32Hz, CUP2, OSCOUT, ALM1,
ALM2, LIGHT
SEGOUT, COM1, COM2, COM3,
CUP1
VSS1-0.3 to +0.3
VSS2-0.3 to +0.3
V
V
Operating Temperature
Topg
-10 to +65
oC
Storage Temperature
Tstg
-30 to +125
oC
ALLOWABLE OPERATING CONDITIONS at Ta=25 + 2oC, VDD=OV
Parameter
Sign.
Pins and Conditions
min
typ
max
Unit
Supply Voltage
VSS1
VSS2
-1.65
-3.3
-1.30
-2.4
V
V
Input 'H'-Level Voltage
VIH
S1-4,M1-4, RES
-0.2
0
V
Input 'L'-Level Voltage
VIL
S1-4, M1-4, RES
VSS1
VSS1+0
.2
V
Operating Frequency
fopgl
fopg2
Ta=-10 to + 65
oC, crystal
OSC
Ta=-10 to + 65
oC, CR OSC
32
32.
768
33
kHz
kHz
ELECTRICAL CHARACTERISTICS at Ta=25 +-0.2oC VDD=0V
Parameter
Sign.
Pins and Conditions
min
typ
max
Unit
Input Resistance
RINIA
RINIB
RIN2
VSS1=-1.55V, VIL=VSS1+0.2V,
'L'level hold tr, *1
VSS1=-1.55V,
'L'level pull-in tr, *1
VSS1=-1.55V, TEST, RES
200
200
10
2000
2000
300
k
Ω
k
Ω
k
Ω
Output 'H'-Level Voltage
VOH1
VSS1=-1.55V, IOH=-0.4uA, *2
-0.2
V
Output 'L'-Level Voltage
VOL1
VSS1=-1.55V, IOL=0.4uA, *2
VSS2+0.2 V
Output 'H'-Level Voltage
VOH2
VSS1=-1.55V, IOH=-4uA,
COM1,COM2, COM3
-0.2
V
Output 'H'-Level Voltage
VOH3
VSS1 =-1.35V, IOH=-250uA,
ALM1, ALM2, LIGHT
-0.65
-1.30
V
Oscillation Start Time
tST
CO=CG=20pF, crystal OSC
(CI
≤25kΩ)
10
sec
Oscillation Compensation
Capacitance
10P
External pin
8
10
12
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com