Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWI5-9-B Datasheet(PDF) 3 Page - CUI INC

Part # SWI5-9-B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI5-9-B Datasheet(HTML) 3 Page - CUI INC

  SWI5-9-B Datasheet HTML 1Page - CUI INC SWI5-9-B Datasheet HTML 2Page - CUI INC SWI5-9-B Datasheet HTML 3Page - CUI INC SWI5-9-B Datasheet HTML 4Page - CUI INC SWI5-9-B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 09/27/2021
│ page 3 of 5
CUI Inc
│ SERIES: SWI5-B │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
67.00 x 49.55 x 64.8
mm
inlet plug
United Kingdom, 3-pin
weight
76
g
MECHANICAL DRAWING
units: mm
DC CORD
units: mm
MODEL NO.
CABLE
CORD LENGTH
SWI5-5-B
UL2468, 24 AWG
1,500 mm ±50
SWI5-5B-B
UL2468, 24 AWG
1,500 mm ±50
SWI5-9-B
UL2468, 24 AWG
1,500 mm ±50
SWI5-12-B
UL2468, 24 AWG
1,500 mm ±50
Table 1
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com