Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSRV3.3-4 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FSRV3.3-4
Description  Ultra Low Capacitance ESD array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSRV3.3-4 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FSRV3.3-4 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSRV3.3-4 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSRV3.3-4 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSRV3.3-4 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FSRV3.3-4 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FSRV3.3-4 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FSRV3.3-4
Ultra Low Capacitance ESD array
Document Number:F120251
28-Oct-2021 V 2.0
www.futurewafer.com.tw
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
V RWM
Pin 5 to 2
-
-
3.3
V
Reverse Breakdown Voltage
V BR
IZ = 1mA Pin5 to 2
4.5
-
6.5
Forward Voltage
V F
IF = 15mA,Pin 2 to Pin 5.
-
-
1.0
Clamping Voltage
V C
IPP = 5A tp = 8/20us
-
6
-
IPP = 14A tp = 8/20us
-
-
25
Reverse Leakage Current
I R
Pin 5 to Pin 2.
-
-
0.9
uA
C I/O
Vdc = 0V,f = 1MHZ
-
3
3.5
pF
Junction Capacitance
C I/O-I/O
-
1.5
-
6. Electrical Characteristics
7. Rating and Characteristic Curve
FSRV3.3-4
Fig 1 Peak Pulse Power vs Pulse Time
Time-Pulse Duration (us)
350W,8/20uS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com