Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6S Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # MB6S
Description  1.0A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MB6S Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  MB6S Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MB6S / 8S /10S
1.0A Bridge Rectifier
www.futurewafer.com.tw
Document Number:F217501
06-Nov-2021 V 2.0
MBS
1. Feature
●
Low leakage
●
Surge Overload Rating:35A Peak
●
Rating to 1000V PRV
2. Mechanical Characteristics
●
Case: MBS
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
MB6S
MB8S
MB10S
Units
Maximum Repetitive Peak Reverse Voltage V RRM
600
800
1000
V
Maximum RMS Voltage
V RMS
420
560
700
Maximum DC Blocking Voltage
V DC
600
800
1000
Maximum Forward Voltage
V F
IF = 0.8A
1.1
Maximum Average Forward
Rectified Current
I F(AV)
TA = 40°C
1.0 on Aluminum substrate
A
Peak Forward Surge Current,8.3ms Single
Half Sine-Wave Superimposed on Rated
Load
I FSM
35
Maximum Reverse Current @ VR
I R
TA = 25°C
1.0
uA
TA = 125°C 200
Typical Thermal Resistance
R θJL
70
°
C/W
R θJA
20
Operating Temperature
T J
-55~125
°
C
Storage Temperature
T STG
-55~150
3. Device Characteristics


Similar Part No. - MB6S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB6S FAIRCHILD-MB6S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB6S GE-MB6S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB6S MCC-MB6S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB6S SEMIKRON-MB6S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB6S BILIN-MB6S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB6S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C1000 WTE-B40C1000 Datasheet
45Kb / 3P
1.0A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DF005 ZSELEC-DF005 Datasheet
85Kb / 2P
1.0A PASSIVATED BRIDGE RECTIFIER
DF005M ZSELEC-DF005M Datasheet
73Kb / 2P
1.0A PASSIVATED BRIDGE RECTIFIER
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
RS101 ZSELEC-RS101 Datasheet
84Kb / 2P
1.0A BRIDGE RECTIFIER
logo
FutureWafer Tech Co.,Lt...
ABS10 FUTUREWAFER-ABS10 Datasheet
734Kb / 4P
1.0A Bridge Rectifier
DBL1JS FUTUREWAFER-DBL1JS Datasheet
759Kb / 5P
1.0A Bridge Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com