Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS3200B Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # SS3200B
Description  Surface Mount Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS3200B Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  SS3200B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS3200B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number:F41853L
25-Jul-2021 V 2.0
SS3200B
Surface Mount Schottky Barrier Rectifier
www.futurewafer.com.tw
Rating and Characteristic Curve
Fig. 2
Typical forward characteristics
Fig. 3
Fig. 1 Forward current derating curve
Lead Temp(°C)
Number of cycles at 60Hz
Reverse voltage(V)
25°C
TJ=125°C
TJ=75°C
TJ=25°C
Forward Voltage,VF(V)
Fig. 4 Typical reverse characteristics
75°C
125°C
Fig. 5 Typical Capacitance
Reverse voltage(V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com