Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT0007 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFT0007
Description  Temperature Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFT0007 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFT0007 Datasheet HTML 1Page - Balluff Korea Ltd. BFT0007 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Sensors
BFT 6100-DX002-A06A1A-S4
Order Code: BFT0007
Internet
www.balluff.com
eCl@ss 9.1: 27-20-02-08
Subject to change without notice: 258697
ETIM 6.0: EC002994
BFT0007_0.48_2021-05-20
1 / 2
Basic features
Approval/Conformity
CE
cULus
WEEE
EAC
Principle of operation
Temperature sensor
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Polarity reversal protected
yes
Electrical data
Operating voltage Ub
10...30 VDC
Environmental conditions
Ambient temperature
-40...85 °C
Contamination scale
3
EN 60068-2-27, Shock
50 g, 6 ms, 3x each axis XYZ
IP rating
IP67, IP69, IP69K
Noise emission
EN 61326-2-3: 2013
Storage temperature
-40...85 °C
Interface
Analog output
Analog, current 4…20 mA
Material
Housing material
Stainless steel (1.4571)
Process connection material
1.4571 stainless steel
Mechanical data
Installation length from contact
surface
100 mm
Pressure rating max.
270 bar
Probe diameter
6 mm
Process connection
G 1/4" outer
Tightening torque max.
5 Nm
Weight
95 g
Range/Distance
Accuracy analog signal
± 0.2% + temperature sensor
error
Measuring element
Pt1000
Measuring range
-30...150 °C
Response time per IEC 60751
T05 < 2.8 s
T09 < 9 s
Temperature drift max.
0.1 % of span / 10 K
Tolerance of the measuring resistor
per IEC 60751
Class A ± (0.15 °C + 0.002 ltl)


Similar Part No. - BFT0007

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFT0001 BALLUFF-BFT0001 Datasheet
103Kb / 2P
Temperature Sensors
BFT0002 BALLUFF-BFT0002 Datasheet
103Kb / 2P
Temperature Sensors
BFT0003 BALLUFF-BFT0003 Datasheet
103Kb / 2P
Temperature Sensors
BFT0004 BALLUFF-BFT0004 Datasheet
103Kb / 2P
Temperature Sensors
BFT0005 BALLUFF-BFT0005 Datasheet
124Kb / 2P
Temperature Sensors
More results

Similar Description - BFT0007

ManufacturerPart #DatasheetDescription
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
Temperature Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
SICK AG
TCT-1AATE2506MZ SICK-TCT-1AATE2506MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-03-14
THTS-1PAD50506MZ SICK-THTS-1PAD50506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
THTS-1PAT11006MZ SICK-THTS-1PAT11006MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
THTS-1PAT20506MZ SICK-THTS-1PAT20506MZ Datasheet
810Kb / 7P
TEMPERATURE SENSORS
THTS-1PAVF0506MZ SICK-THTS-1PAVF0506MZ Datasheet
809Kb / 7P
TEMPERATURE SENSORS
TSP-1MAG10405MZ SICK-TSP-1MAG10405MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
TSP-1MAG30305MZ SICK-TSP-1MAG30305MZ Datasheet
299Kb / 4P
TEMPERATURE SENSORS
2017-03-29
TSP-1MAM10305MZ SICK-TSP-1MAM10305MZ Datasheet
298Kb / 4P
TEMPERATURE SENSORS
2017-03-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com