Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT0013 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFT0013
Description  Temperature Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFT0013 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFT0013 Datasheet HTML 1Page - Balluff Korea Ltd. BFT0013 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Sensors
BFT 6050-HV003-A02A0C-S4
Order Code: BFT0013
Internet
www.balluff.com
eCl@ss 9.1: 27-20-02-08
Subject to change without notice: 265338
ETIM 6.0: EC002994
BFT0013_0.35_2021-05-20
2 / 2
Mechanical data
Installation length from contact
surface
50 mm
Pressure rating max.
150 bar
Probe diameter
6 mm
Process connection
G 1/2" outer
Tightening torque max.
10 Nm
Weight
340 g
Range/Distance
Accuracy analog signal
≤ ± 0.5% of span + temperature
sensor error
Accuracy display
≤ ± (0.8% of span + temperature
sensor error) ± 1 digit
Accuracy switching output
≤ ± 0.8% of span + temperature
sensor error
Measuring element
Pt1000
Measuring range
-20...80 °C
Response time per IEC 60751
T05 < 5 s
T09 < 10 s
Tolerance of the measuring resistor
per IEC 60751
Class A ± (0.15 °C + 0.002 ltl)
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com