Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5092 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 4 Page - Analog Devices

  ADP5092 Datasheet HTML 1Page - Analog Devices ADP5092 Datasheet HTML 2Page - Analog Devices ADP5092 Datasheet HTML 3Page - Analog Devices ADP5092 Datasheet HTML 4Page - Analog Devices ADP5092 Datasheet HTML 5Page - Analog Devices ADP5092 Datasheet HTML 6Page - Analog Devices ADP5092 Datasheet HTML 7Page - Analog Devices ADP5092 Datasheet HTML 8Page - Analog Devices ADP5092 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 4 of 28
SPECIFICATIONS
Voltage input (VIN) = 1.2 V, VSYS = VBAT = 3 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted. External components include the following: inductance (L) = 22 µH, input capacitance (CIN) = 4.7 µF,
and CSYS = 4.7 µF.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
QUIESCENT CURRENT
Operating Quiescent Current of SYS Pin
(VIN > VCBP ≥ VMINOP)
IQ_SYS
REG_D0 = low, REG_D1 = low
510
1000
nA
REG_D0 = high, REG_D1 = low
650
1150
nA
REG_D0 = low, REG_D1 = high
750
1290
nA
REG_D0 = high, REG_D1 = high
760
1300
nA
Sleeping Quiescent Current of SYS Pin
(VCBP < VMINOP)
IIQ_SLEEP_SYS
REG_D0 = low, REG_D1 = low
390
880
nA
COLD START CIRCUIT
Minimum Input Voltage for Cold Start
VIN_COLD
VSYS = 0 V, 0°C < TA < 85°C
380
500
mV
Minimum Input Power for Cold Start
PIN_COLD
6
µW
End of Cold Start Operation
Threshold
VSYS_TH
1.73
1.87
2.00
V
Hysteresis
VSYS_HYS
95
mV
BOOST REGULATOR
Input Voltage Operating Range
VIN
Cold start completed
0.08
3.3
V
Input Power Operating Range
PIN
Cold start completed, VIN = 3 V
600
mW
Start Charging BAT Threshold on SYS
VSYS_CHG
2.00
2.19
2.35
V
Start Charging BAT Hysteresis on SYS
VSYS_CHG_HYS
150
mV
Input Peak Current
IIN_PEAK
Factory trim, 1 bit, Option 0
200
250
mA
Option 1
300
mA
Low-Side Switch On Resistance
RLS_DS_ON
Pin to pin measurement
0.44
0.6
Ω
High-Side Switch On Resistance
RHS_DS_ON
Pin to pin measurement
0.85
1.2
Ω
SYS Switch On Resistance
RSYS_DS_ON
0.32
0.70
Ω
DIS_SW Voltage
High
VDIS_SW_HIGH
1
V
Low
VDIS_SW_LOW
0.5
V
DIS_SW Delay
tDIS_SW_DELAY
1
µs
VIN CONTROL AND MINOP
VIN Open Circuit Voltage
Default Sampling Cycle
tOCV_CYCLE
Factory trim, 2 bit (4 sec, 8 sec, 16 sec,
32 sec)
16
sec
Sampling Time
tOCV_SAMPL
256
ms
MINOP Bias Current
IMINOP
1.58
2.00
2.45
µA
MINOP Operation Voltage Threshold
of Dynamic MPPT Sensing Mode
VMINOP_DSM
1.5
V
MPPT Bias Current of MPPT No
Sensing Mode
IMPPT
1.7
2.0
2.3
µA
LLD (ADP5091 Only)
Pull-Up Resistor
12
17
kΩ
Pull-Down Resistor
12
17
kΩ
High Voltage
VLLD_IH
VREG_OUT
V
Leakage Current at CBP Pin
ICBP_LEAK
10
2000
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com