Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDR6F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDR6F
Description  Drum Core Inductors - Radial Leaded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDR6F Datasheet(HTML) 1 Page - Central Technologies

  CTDR6F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 07.11.17
Drum Core Inductors - Radial Leaded
www.ctparts.com
CTDR6F
Series
From 4.7µH to 47,000µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance.
K = ±10%, M = ±20%
CTDR6F-4R7M
4.7
.002
149.9
35.0
0.105
1.40
CTDR6F-5R6M
5.6
.002
122.7
35.0
0.105
1.40
CTDR6F-6R8M
6.8
.003
103.8
35.0
0.105
1.40
CTDR6F-8R2M
8.2
.003
90.0
35.0
0.105
1.40
CTDR6F-100K
10
.003
79.4
35.0
0.105
1.48
CTDR6F-120K
12
.004
71.0
35.0
0.105
1.48
CTDR6F-150K
15
.004
64.3
35.0
0.105
1.48
CTDR6F-180K
18
.005
58.7
35.0
0.105
1.48
CTDR6F-220K
22
.005
54.0
35.0
0.105
1.48
CTDR6F-270K
27
.006
50.0
35.0
0.105
1.48
CTDR6F-330K
33
.006
46.5
35.0
0.105
1.48
CTDR6F-390K
39
.006
43.5
35.0
0.105
1.48
CTDR6F-470K
47
.008
40.9
35.0
0.105
1.48
CTDR6F-560K
56
.009
36.5
35.0
0.105
1.48
CTDR6F-680K
68
.009
32.9
35.0
0.105
1.48
CTDR6F-820K
82
.010
30.0
35.0
0.105
1.48
CTDR6F-101K
100
.014
26.5
27.0
0.094
1.53
CTDR6F-121K
120
.015
24.5
27.0
0.094
1.53
CTDR6F-151K
150
.023
21.4
21.0
0.084
1.49
CTDR6F-181K
180
.025
19.5
21.0
0.084
1.49
CTDR6F-221K
220
.028
18.0
21.0
0.084
1.49
CTDR6F-271K
270
.030
16.2
21.0
0.084
1.49
CTDR6F-331K
330
.040
14.8
17.0
0.075
1.31
CTDR6F-391K
390
.055
13.6
13.5
0.068
1.31
CTDR6F-471K
470
.061
12.3
13.5
0.068
1.31
CTDR6F-561K
560
.068
11.3
13.5
0.068
1.40
CTDR6F-681K
680
.094
10.3
11.4
0.060
1.42
CTDR6F-821K
820
.104
9.4
11.4
0.060
1.42
CTDR6F-102K
1000
.143
8.5
9.0
0.054
1.36
CTDR6F-122K
1200
.156
7.7
9.0
0.054
1.36
CTDR6F-152K
1500
.219
6.8
7.2
0.048
1.31
CTDR6F-182K
1800
.241
6.3
7.2
0.048
1.31
CTDR6F-222K
2200
.270
5.7
7.2
0.048
1.40
CTDR6F-272K
2700
.364
5.1
5.5
0.043
1.36
CTDR6F-332K
3300
.498
4.6
4.5
0.039
1.24
CTDR6F-392K
3900
.548
4.2
4.5
0.039
1.32
CTDR6F-472K
4700
.608
3.9
4.5
0.039
1.32
CTDR6F-562K
5600
.671
3.5
4.5
0.039
1.36
CTDR6F-682K
6800
.750
3.2
4.5
0.039
1.40
CTDR6F-822K
8200
1.03
2.9
4.0
0.035
1.45
CTDR6F-103K
10000
1.16
2.6
4.0
0.035
1.45
CTDR6F-123K
12000
1.54
2.4
2.8
0.031
1.40
CTDR6F-153K
15000
1.75
2.2
2.8
0.031
1.40
CTDR6F-183K
18000
1.94
2.0
2.8
0.028
1.45
CTDR6F-223K
22000
2.74
1.8
2.0
0.028
1.37
CTDR6F-273K
27000
3.71
1.6
1.7
0.025
1.37
CTDR6F-333K
33000
4.16
1.5
1.7
0.025
1.37
CTDR6F-393K
39000
5.56
1.4
1.4
0.025
1.35
CTDR6F-473K
47000
6.19
1.2
1.4
0.022
1.35
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Radial leaded drum core
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters
Operating Temperature: -55°C to +125°C
Saturated Current: Lowers inductance by 5%
Testing: Inductance and DCR are tested on an HP4263A at
1kHz
Packaging: Bulk
Sleeving: UL-VW-1 sleeving
Hi Pot Voltage Test: 500V from lead wire to core
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
Max.
Max.
Min.
38.1
50.8
12.7
1.50
2.00
0.50
Size
mm
inches
A
C
B
D
Clearance hole for
8/32 screw with washer
DCR
Current
Rated
Wire Dia.
Dimension
Part
Inductance
Max.
Saturating
Current
Ref.
(D)
Number
(µH)
(Ω)
DC (Amps)
(Amps)
(inches)
(inches)


Similar Part No. - CTDR6F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-101 CT-CTDR0904F-101 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-102 CT-CTDR0904F-102 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-110 CT-CTDR0904F-110 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-250 CT-CTDR0904F-250 Datasheet
223Kb / 2P
Data Line Chokes
More results

Similar Description - CTDR6F

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
Radial Drum Core Inductors
logo
Eaton All Rights Reserv...
RL1011 EATON-RL1011 Datasheet
578Kb / 4P
Unshielded radial leaded drum core inductors
RL0607 EATON-RL0607 Datasheet
768Kb / 4P
Unshielded radial leaded drum core inductors
RL0809 EATON-RL0809 Datasheet
840Kb / 4P
Unshielded radial leaded drum core inductors
RL1218 EATON-RL1218 Datasheet
770Kb / 4P
Unshielded radial leaded drum core inductors
logo
Central Technologies
CTDR5F CT-CTDR5F Datasheet
141Kb / 1P
Drum Core Inductors - Radial Leaded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com