Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6512 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6512
Description  Low-power and Built-in LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6512 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6512 Datasheet HTML 4Page - OKI electronic componets MSM6512 Datasheet HTML 5Page - OKI electronic componets MSM6512 Datasheet HTML 6Page - OKI electronic componets MSM6512 Datasheet HTML 7Page - OKI electronic componets MSM6512 Datasheet HTML 8Page - OKI electronic componets MSM6512 Datasheet HTML 9Page - OKI electronic componets MSM6512 Datasheet HTML 10Page - OKI electronic componets MSM6512 Datasheet HTML 11Page - OKI electronic componets MSM6512 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
MSM6502B/6512
¡ Semiconductor
Switching Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock (OSC0) Pulse Width
tfW
—
15——
ms
Cycle Time
tCY
—
(*1)
—
—
ms
P0
P1
P2
tDV
—
(*2)
—
—
ms
P0
P1
P2
tDIV
—
—
—
(*3)
ms
P0
P1
tDDS
CL=50 pF
—
—
(*4)
ms
Data Delay Time
Data Invalid Time
Data Valid Time
(VDD=3 V, Ta=–20 to +70°C)
*1 tCY=3 ¥ 1/fOSC
*2 tDV=1/2 ¥ 1/fOSC
*3 tDIV=1 ¥ 1/fOSC + 10 ms
*4 tDDS=5/2 ¥ 1/fOSC + 15 ms
1MC
tCY
tfW
tfW
INVALID
VALID
INVALID
tDIV
tDV
OLD DATA
NEW DATA
tDDS
P0
P1 Input mode
P2
OSC0
P0
P1
Output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com