Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTGS75F Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS75F
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS75F Datasheet(HTML) 1 Page - Central Technologies

  CTGS75F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.05.17
Power Inductors - Unshielded
www.ctparts.com
CTGS75F
Series
From 1.0 µH to 820 µH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
K = ±10%, M = ±20%
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(W)
(A)
CTGS75F-1R0M
1.0
25.2M
.02
3.7
CTGS75F-1R4M
1.4
7.96M
.02
3.7
CTGS75F-1R8M
1.8
7.96M
.02
3.7
CTGS75F-2R3M
2.3
7.96M
.02
3.7
CTGS75F-2R7M
2.7
7.96M
.02
3.7
CTGS75F-3R3M
3.3
7.96M
.03
3.7
CTGS75F-3R9M
3.9
7.96M
.03
3.7
CTGS75F-4R7M
4.7
7.96M
.04
3.5
CTGS75F-5R6M
5.6
7.96M
.04
3.3
CTGS75F-6R8M
6.8
7.96M
.04
3.1
CTGS75F-8R2M
8.2
7.96M
.05
2.7
CTGS75F-100K
10
2.52M
.07
2.3
CTGS75F-120K
12
2.52M
.08
2.0
CTGS75F-150K
15
2.52M
.09
1.8
CTGS75F-180K
18
2.52M
.10
1.6
CTGS75F-220K
22
2.52M
.11
1.5
CTGS75F-270K
27
2.52M
.12
1.3
CTGS75F-330K
33
2.52M
.13
1.2
CTGS75F-390K
39
2.52M
.16
1.1
CTGS75F-470K
47
2.52M
.18
1.1
CTGS75F-560K
56
2.52M
.24
.94
CTGS75F-680K
68
2.52M
.28
.84
CTGS75F-820K
82
2.52M
.37
.78
CTGS75F-101K
100
1.0k
.43
.72
CTGS75F-121K
120
1.0k
.47
.66
CTGS75F-151K
150
1.0k
.64
.58
CTGS75F-181K
180
1.0k
.71
.51
CTGS75F-221K
220
1.0k
.96
.49
CTGS75F-271K
270
1.0k
1.1
.42
CTGS75F-331K
330
1.0k
1.2
.40
CTGS75F-391K
390
1.0k
1.8
.36
CTGS75F-471K
470
1.0k
1.9
.34
CTGS75F-561K
560
1.0k
2.3
.32
CTGS75F-681K
680
1.0k
2.2
.28
CTGS75F-821K
820
1.0k
2.9
.26
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor.
Applications: VTR power supplies, OA equipment, LCD televi-
sions, PC notebooks, portable communication equipment, DC/DC
converters.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency.
Packaging: Tape & Reel.
Marking: Marked with inductance code.
Rated DC: The value of current when the inductance is 10%
lower than its initial value at 0 Adc or D.C. current when at
DT = 40°C whichever is lower.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
7.8±0.3
7.0±0.3
5.0±0.5
2.1
0.31±0.012
0.28±0.012
0.20±0.02
0.083
Size
mm
inches
Unit: mm(inch)
ENGINEERING KIT #7


Similar Part No. - CTGS75F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS75F-100K CT-CTGS75F-100K Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTGS75F-101K CT-CTGS75F-101K Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTGS75F-120K CT-CTGS75F-120K Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTGS75F-121K CT-CTGS75F-121K Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTGS75F-150K CT-CTGS75F-150K Datasheet
187Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS75F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com