Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTGS73F-100L Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS73F-100L
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS73F-100L Datasheet(HTML) 1 Page - Central Technologies

  CTGS73F-100L Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.27.12
Power Inductors - Unshielded
www.ctparts.com
CTGS73F
Series
From 10 µH to 330 µH
SPECIFICATIONS
Parts specify tolerance code when ordering.
CTGS73F-100_
K = ±10%, L = ±15%, M = ±20% & N = ±30%
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(W)
(A)
CTGS73F-100_
10
2.52M
0.08
1.44
CTGS73F-120_
12
2.52M
0.09
1.39
CTGS73F-150_
15
2.52M
0.10
1.24
CTGS73F-180_
18
2.52M
0.11
1.12
CTGS73F-220_
22
2.52M
0.13
1.07
CTGS73F-270_
27
2.52M
0.15
0.94
CTGS73F-330_
33
2.52M
0.17
0.85
CTGS73F-390_
39
2.52M
0.22
0.74
CTGS73F-470_
47
2.52M
0.25
0.68
CTGS73F-560_
56
2.52M
0.28
0.64
CTGS73F-680_
68
2.52M
0.33
0.59
CTGS73F-820_
82
2.52M
0.41
0.54
CTGS73F-101_
100
1.00k
0.48
0.51
CTGS73F-121_
120
1.00k
0.54
0.49
CTGS73F-151_
150
1.00k
0.75
0.40
CTGS73F-181_
180
1.00k
1.02
0.36
CTGS73F-221_
220
1.00k
1.20
0.31
CTGS73F-271_
270
1.00k
1.31
0.29
CTGS73F-331_
330
1.00k
1.50
0.28
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor.
Applications: VTR power supplies, OA equipment, LCD televi-
sions, PC notebooks, portable communication equipment, DC/DC
converters.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±15%, ±20% & ±30%
Testing: Inductance is tested on an HP4285A at specified
frequency.
Packaging: Tape & Reel.
Marking: Marked with inductance code.
Premissible Current: The value of current when the inductance
is 10% lower than its initial value at D.C. superposition or D.C.
current when at DT = 40°C whichever is lower.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
A
Marking
C
D
A
B
C
D
Typ.
7.8 ± 0.30
7.0 ± 0.30
3.5 ± 0.30
2.1
0.307 ± 0.012
0.276 ± 0.012
0.138 ± 0.012
0.083
Size
mm
inches
Unit: mm
(inch)


Similar Part No. - CTGS73F-100L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS73F-100L CT-CTGS73F-100L Datasheet
236Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS73F-100L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com