Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTGS105F-331K Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS105F-331K
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS105F-331K Datasheet(HTML) 1 Page - Central Technologies

  CTGS105F-331K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.18.17
Power Inductors - Unshielded
www.ctparts.com
CTGS105F
Series
From 4.7µH to 1000µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CTGS105F-100_
K = ±10%, M= ±20%
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Available
Number
(µH)
(_Hz)
(W)
(A)
Tolerance
CTGS105F-4R7M
4.7
7.96M
.04
2.6
M
CTGS105F-100_
10
2.52M
.06
2.6
K, M
CTGS105F-120_
12
2.52M
.07
2.4
K, M
CTGS105F-150_
15
2.52M
.08
2.3
K, M
CTGS105F-180_
18
2.52M
.09
2.1
K, M
CTGS105F-220_
22
2.52M
.10
1.9
K, M
CTGS105F-270_
27
2.52M
.11
1.7
K, M
CTGS105F-330_
33
2.52M
.12
1.5
K, M
CTGS105F-390_
39
2.52M
.14
1.4
K, M
CTGS105F-470_
47
2.52M
.17
1.3
K, M
CTGS105F-560_
56
2.52M
.19
1.2
K, M
CTGS105F-680_
68
2.52M
.22
1.1
K, M
CTGS105F-820_
82
2.52M
.25
1.0
K, M
CTGS105F-101_
100
1.0k
.35
.97
K, M
CTGS105F-121_
120
1.0k
.40
.89
K, M
CTGS105F-151_
150
1.0k
.47
.78
K, M
CTGS105F-181_
180
1.0k
.63
.72
K, M
CTGS105F-221_
220
1.0k
.73
.66
K, M
CTGS105F-271_
270
1.0k
.97
.57
K, M
CTGS105F-331_
330
1.0k
1.1
.52
K, M
CTGS105F-391_
390
1.0k
1.3
.48
K, M
CTGS105F-471_
470
1.0k
1.5
.42
K, M
CTGS105F-561_
560
1.0k
1.9
.33
K, M
CTGS105F-681_
680
1.0k
2.2
.28
K, M
CTGS105F-821_
820
1.0k
2.5
.24
K, M
CTGS105F-102_
1000
1.0k
3.1
.20
K, M
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor.
Applications: VTR power supplies, OA equipment, LCD televi-
sions, PC notebooks, portable communication equipment, DC/DC
converters.
Operating Temperature: -40°C to +105°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency.
Packaging: Tape & Reel.
Marking: Marked with inductance code.
Rated DC: The value of current when the inductance is 10%
lower than its initial value at 0 Adc or D.C. current when at
DT = 40°C whichever is lower.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
Typ.
10.0±0.4
9.0±0.4
5.4±0.4
2.1
0.39±0.016
0.35±0.016
0.21±0.016
0.083
Size
mm
inches
Unit: mm(inch)
ENGINEERING KIT #7F


Similar Part No. - CTGS105F-331K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS105F-331K CT-CTGS105F-331K Datasheet
187Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS105F-331K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com