Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33M350YMP-TR Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC33M350YMP-TR
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350YMP-TR Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC33M350YMP-TR Datasheet HTML 20Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 21Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 22Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 23Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 24Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 25Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 26Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 27Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MIC33M350
DS20006348B-page 24
 2020-2021 Microchip Technology Inc.
B
A
0.05 C
0.05 C
C
SEATING
PLANE
2X
TOP VIEW
0.08 C
Microchip Technology Drawing C04-1220A Sheet 1 of 2
2X
24X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
24-Lead Plastic Quad Flat, No Lead Package (N6A) - 3x4.5 mm Body [QFN]
SIDE VIEW
BOTTOM VIEW
D
E
E
4
(DATUM A)
(DATUM B)
NOTE 1
0.10
C A B
0.05
C
11X L
D3
24X b
e
E3
E2
D2
6X L2
A
(A3)
A1
0.05 C
NOTE 1
2
1
N
2
1
N
2X b2
K1 0.20
K2 0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com