Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33M350YMP-VAO Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC33M350YMP-VAO
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350YMP-VAO Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC33M350YMP-VAO Datasheet HTML 9Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 10Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 11Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 12Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 13Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 14Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 15Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 16Page - Microchip Technology MIC33M350YMP-VAO Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 13
MIC33M350
Note:
Unless otherwise indicated, PVIN = 5V, VOUT = 1V, COUT = 47 µF, TA = +25°C.
FIGURE 2-25:
Line Transient Response.
VIN
2V/div
PG
5V/div
1ms/div
Step from 4.5V to 5.5V
IOUT
2A/div
VOUT
10 mV/div
AC coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com