Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLFSPF Datasheet(PDF) 1 Page - Central Technologies

Part # CTLFSPF
Description  LAN Filters - 10/100 Base-Tx
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLFSPF Datasheet(HTML) 1 Page - Central Technologies

  CTLFSPF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.07.19
LAN Filters - 10/100 Base-Tx
www.ctparts.com
CTLFSPF
Series
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: 10/100 Base-T, Single port
Operating Temperature: 0°C to 70°C
Features:
•
Meets all IEEE 802.3 and ANSI X3.236 standards including 350µH OCL with
8mA bias
•
IC grade transfer-molded package withstands 235°C IR reflow
Unit: mm Unless otherwise specified, all tolerances are ±0.25
SCHEMATICS
PHYSICAL DIMENSIONS & PAD LAYOUT
25.55
Date Code
17.78
16
9
1
8
17.78
1.02
2.54
2.54±0.10
1.05±0.05
0.9±0.10
13.15
Pad
Layout
TD+
TD-
CT
RD+
RD-
CT
TX+
TX-
CT
RX+
RX-
CT
16
15
14
1
2
3
10
11
12
7
6
5
TX
RX
Part
Number
Insertion
Loss
(dB Max.)
Return Loss
(dB Min. @ 100Ω)
Differential to Common
Mode Rejection
(dB Min.)
Crosstalk
(dB Typ.)
HIpot
(Vrms)
Min.
0.3-100
MHz
1-30
MHz
40
MHz
50
MHz
60-80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
CTLFSPF-001
-1.0
-18
-18
-16
-12
-50
-45
-40
-55
-50
-45
1500
CTLFSPF-002
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
CTLFSPF-001/-002
CTLFSPF-001/-002


Similar Part No. - CTLFSPF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLF10GDF CT-CTLF10GDF Datasheet
256Kb / 1P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLF10GDF-001 CT-CTLF10GDF-001 Datasheet
256Kb / 1P
LAN Filters - 10 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF-001 CT-CTLF24P1GF-001 Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF-002 CT-CTLF24P1GF-002 Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
More results

Similar Description - CTLFSPF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT61011 BOURNS-PT61011 Datasheet
222Kb / 1P
LAN 10/100 Base-Tx
PT61018 BOURNS-PT61018 Datasheet
225Kb / 1P
LAN 10/100 Base-Tx
PT61017EL BOURNS-PT61017EL Datasheet
269Kb / 1P
LAN 10/100 Base-Tx
PT61017PEL BOURNS-PT61017PEL Datasheet
244Kb / 1P
LAN 10/100 Base-Tx
PT61018EL BOURNS-PT61018EL Datasheet
328Kb / 1P
LAN 10/100 Base-Tx
PT61018PEL BOURNS-PT61018PEL Datasheet
273Kb / 1P
LAN 10/100 Base-Tx
logo
Bothhand USA, LP.
20PT1024RXLF BOTHHAND-20PT1024RXLF Datasheet
232Kb / 2P
10/100 BASE-TX LAN MAGNETICS
20PT1124SXLF BOTHHAND-20PT1124SXLF Datasheet
248Kb / 2P
10/100 BASE-TX LAN MAGNETICS
logo
Central Technologies
CTLFAMMF CT-CTLFAMMF Datasheet
270Kb / 2P
LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFLPF CT-CTLFLPF Datasheet
241Kb / 2P
LAN Filters - 10/100 Base-Tx
REV 01.07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com