Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIS018F Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS018F
Description  UHF (860...960 MHz)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS018F Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS018F Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UHF (860...960 MHz)
BIS U-112-M4/CAA
Order Code: BIS018F
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 255383
ETIM 6.0: EC002996
BIS018F_1.1_2021-03-30
1 / 1
Basic features
Antenna type
Dipole
Approval/Conformity
CE
WEEE
EN 55022
Size 1, Cl. B
Principle of operation
Transponder
Standards
EPCglobal™ Class 1, Gen 2
ISO 18000-6C
Electrical data
Data retention time/years
≥ 10
EN 61000-4-2/3/4/5/6
Severity. Level 4B / 3A / - / - /-
Polarization
linear
Preferred application
865…868 MHz
Programming cycles
up to 25 °C: 100,000
Read cycles
Unlimited
Working frequency
860…960 MHz
Environmental conditions
Ambient temperature
-40...85 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-40...85 °C
Functional Characteristics
EPC memory, read/write
96 Bit
Memory type
EEPROM
TID memory, read-only
48 Bit
User data, read/write
0 Bit
Material
Housing material
PVDF
Mechanical data
Dimension
29.3 x 19.2 x 66.2 mm
Installation
metal-free (clear zone)
Remarks
For installation in metal: Observe clear zone.
Observe clear zone when attaching to metal surfaces!
Torsional, bending and impact loading is not permitted.
Values are under rated conditions unless otherwise specified.


Similar Part No. - BIS018F

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
BIS018C BALLUFF-BIS018C Datasheet
1Mb / 8P
HF (13.56 MHz)
1.22_2021-07-09
BIS018E BALLUFF-BIS018E Datasheet
116Kb / 2P
HF (13.56 MHz)
0.38_2021-08-25
BIS018H BALLUFF-BIS018H Datasheet
104Kb / 1P
UHF (860...960 MHz)
1.1_2021-03-30
BIS018J BALLUFF-BIS018J Datasheet
268Kb / 3P
Multi-Frequency Processor
1.28_2021-09-16
More results

Similar Description - BIS018F

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com