Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7584D Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7584D
Description  pi/4 Shift QPSK MODEM/ADPCM CODEC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7584D Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7584D Datasheet HTML 9Page - OKI electronic componets MSM7584D Datasheet HTML 10Page - OKI electronic componets MSM7584D Datasheet HTML 11Page - OKI electronic componets MSM7584D Datasheet HTML 12Page - OKI electronic componets MSM7584D Datasheet HTML 13Page - OKI electronic componets MSM7584D Datasheet HTML 14Page - OKI electronic componets MSM7584D Datasheet HTML 15Page - OKI electronic componets MSM7584D Datasheet HTML 16Page - OKI electronic componets MSM7584D Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
¡ Semiconductor
MSM7584D
13/58
FEDL7584D-02
BSTO
BSTO is the modulator side burst output position specification signal.
The burst time and position of the I and Q analog output including the lamp bits are output. (Refer
to Fig. 3)
I+, I–
Quadrature modulation signal I Component differential analog output.
Their output levels are 500 mVPP (maximum) with 1.6 Vdc as the center value. The output pin
load conditions are: R
≥10 kW, C ≤20 pF. The gain of these pins can be adjusted using the control
register CR15 - B7 to B4, and the offset voltage at the I– pin can be adjusted using CR16 - B7 to
B3.
Q+, Q–
Quadrature modulation signal Q component differential analog outputs.
Their output levels are 500 mVPP (maximum) with 1.6 Vdc as the center value. The output pin
load conditions are: R
≥10 kW, C ≤20 pF. The gain of these pins can be adjusted using the control
register CR15 - B7 to B4, and the offset voltage at the Q– pin can be adjusted by using CR17 - B7
to B3.
SGM
MODEM internal reference voltage output.
The output voltage value is approximately 2.0 V. Insert a bypass capacitor of approximately 0.1
mF between this pin and the AGM pin.
The SG voltage if necessary should be used via a buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com