Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS86255 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMS86255
Description  MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86255 Datasheet(HTML) 5 Page - ON Semiconductor

  FDMS86255 Datasheet HTML 1Page - ON Semiconductor FDMS86255 Datasheet HTML 2Page - ON Semiconductor FDMS86255 Datasheet HTML 3Page - ON Semiconductor FDMS86255 Datasheet HTML 4Page - ON Semiconductor FDMS86255 Datasheet HTML 5Page - ON Semiconductor FDMS86255 Datasheet HTML 6Page - ON Semiconductor FDMS86255 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDMS86255
www.onsemi.com
5
TYPICAL CHARACTERISTICS (continued) TJ = 25°C unless otherwise noted
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source
Voltage
Figure 9. Unclamped Inductive Switching
Capability
Figure 10. Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power
Dissipation
Qg, GATE CHARGE (nC)
VDS, DRAIN TO SOURCE VOLTAGE (V)
VDD = 75 V
I
D = 10 A
10
8
6
4
2
0
0
10
2030
4050
0
10000
5
1000
100
10
1
10
100
0.1
TC, CASE TEMPERATURE (°C)
64
48
32
16
0
80
tAV, TIME IN AVALANCHE (ms)
0.1
1
10
100 300
0.01
100
10
1
1000
100
10
1
0.1
0.01
1
10
100
700
0.1
VDS, DRAIN−SOURCE VOLTAGE (V)
t, PULSE WIDTH (sec)
20000
10000
1000
100
10
SINGLE PULSE
RθJC = 1.1°C/W
TC = 25°C
f = 1 MHz
VGS = 0 V
VDD = 100 V
VDD = 50 V
Ciss
Coss
Crss
50
75
100
125
150
25
10−5
10−4
10−3
10−2
10−1
1
TJ = 25°C
TJ = 100°C
TJ = 125°C
VGS = 10 V
VGS = 6 V
RθJC = 1.1°C/W
10 ms
100 ms
1 ms
10 ms
DC
CURVE BENT TO
MEASURED DATA
SINGLE PULSE
TJ = MAX TARED
RθJC = 1.1°C/W
TC = 25°C
THIS AREA IS
LIMITED BY RDS(on)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com