Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPC8014AS Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDPC8014AS
Description  MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8014AS Datasheet(HTML) 1 Page - ON Semiconductor

  FDPC8014AS Datasheet HTML 1Page - ON Semiconductor FDPC8014AS Datasheet HTML 2Page - ON Semiconductor FDPC8014AS Datasheet HTML 3Page - ON Semiconductor FDPC8014AS Datasheet HTML 4Page - ON Semiconductor FDPC8014AS Datasheet HTML 5Page - ON Semiconductor FDPC8014AS Datasheet HTML 6Page - ON Semiconductor FDPC8014AS Datasheet HTML 7Page - ON Semiconductor FDPC8014AS Datasheet HTML 8Page - ON Semiconductor FDPC8014AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
December, 2020 − Rev. 2
1
Publication Order Number:
FDPC8014AS/D
MOSFET – Dual, N-Channel,
POWERTRENCH), Power
Clip, Asymmetric
25 V
FDPC8014AS
General Description
This device includes two specialized N−Channel MOSFETs in a
dual package. The switch node has been internally connected to enable
easy placement and routing of synchronous buck converters. The
control MOSFET (Q1) and synchronous SyncFET
t (Q2) have been
designed to provide optimal power efficiency.
Features
Q1: N−Channel
Max rDS(on) = 3.8 mW at VGS = 10 V, ID = 20 A
Max rDS(on) = 4.7 mW at VGS = 4.5 V, ID = 18 A
Q2: N−Channel
Max rDS(on) = 1.0 mW at VGS = 10 V, ID = 40 A
Max rDS(on) = 1.2 mW at VGS = 4.5 V, ID = 37 A
Low Inductance Packaging Shortens Rise/Fall Times, Resulting in
Lower Switching Losses
MOSFET Integration Enables Optimum Layout for Lower Circuit
Inductance and Reduced Switch Node Ringing
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Computing
Communications
General Purpose Point of Load
PIN DESCRIPTION
Pin
Name
Description
1
HSG
High Side Gate
2
GR
Gate Return
3, 4, 9
V+ (HSD)
High Side Drain
5, 6, 7
SW
Switching Node, Low Side Drain
8
LSG
Low Side Gate
10
GND (LSS) Low Side Source
www.onsemi.com
Power Clip 5x6
PDFN8 5x6, 1.27P,
CASE 483AR
See detailed ordering and shipping information on page 10 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
Bottom
Top
N−Channel MOSFET
FDPC8014AS = Specific Device Code
$Y
= ON semiconductor Logo
&Z
= Assembly Plant Code
&3
= 3−Digit Date Code
&K
= 2−Digits Lot Run Traceability Code
PIN1
PIN1
PAD10
GND(LSS)
PAD9
V+(HSD)
$Y&Z&3&K
FDPC
8014AS
GR
GR
V+
LSG
SW
SW
SW
V+
HSG
LSG
SW
SW
SW
V+
V+
HSG


Similar Part No. - FDPC8014AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC8014S FAIRCHILD-FDPC8014S Datasheet
437Kb / 13P
PowerTrench Power Clip
More results

Similar Description - FDPC8014AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC8013S FAIRCHILD-FDPC8013S Datasheet
509Kb / 12P
PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
FDMS3606AS FAIRCHILD-FDMS3606AS Datasheet
588Kb / 15P
PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS001N025DSD ONSEMI-FDMS001N025DSD Datasheet
451Kb / 13P
PowerTrench Power Clip 25 V Asymmetric Dual N?묬hannel MOSFET
October, 2017 ??Rev. 0
FDMS1D2N03DSD ONSEMI-FDMS1D2N03DSD Datasheet
460Kb / 13P
POWERTRENCH Power Clip 30 V Asymmetric Dual N?륝hannel MOSFETs
May, 2018 ??Rev. 5
FDPC5030SG ONSEMI-FDPC5030SG Datasheet
485Kb / 13P
MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V
May, 2021 - Rev. 6
FDPC8016S ONSEMI-FDPC8016S Datasheet
353Kb / 12P
MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
November, 2019 - Rev. 6
NTTFD1D8N02P1E ONSEMI-NTTFD1D8N02P1E Datasheet
483Kb / 11P
MOSFET - Power, N-Channel PowerTrench Power Clip 25 V Asymmetric Dual
February, 2020 ??Rev. 1
NTMFD1D1N02X ONSEMI-NTMFD1D1N02X Datasheet
386Kb / 11P
MOSFET - Power, Dual, N-Channel, Power Clip, POWERTRENCH, Asymmetric 25 V
July, 2022 - Rev. 0
logo
Fairchild Semiconductor
FDPC5018SG FAIRCHILD-FDPC5018SG Datasheet
341Kb / 12P
PowerTrench® Power Clip 30V Asymmetric Dual N-Channel MOSFET
Rev.1.1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com