Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLVC6045F-331M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLVC6045F-331M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLVC6045F-331M Datasheet(HTML) 1 Page - Central Technologies

  CTLVC6045F-331M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.10.15
Power Inductors - Shielded
www.ctparts.com
CTLVC6045F
Series
From 1.0µH to 1000µH
SPECIFICATIONS
Please specify inductance tolerance code when ordering.
CTLVC6045F-1R0_
M = ±20%, N = ±30%
*Isat: DC current (A) that will cause L to drop approximately 30%.
**Irms: DC current (A) that will cause an approximate
ΔT of 40°C.
L Test
DCR
*Isat
**Irms
Part
Inductance
Freq.
±30%
Typ.(Max.)
Typ.(Max.)
Number
(µH)
(kHz)
(m
Ω)
(A)
(A)
CTLVC6045F-1R0_
1.0
100
12
12.2(10.98)
6.5(5.85)
CTLVC6045F-1R5_
1.5
100
15
10.4(9.36)
5.9(5.31)
CTLVC6045F-1R8_
1.8
100
17
9.6(8.64)
5.6(5.04)
CTLVC6045F-2R2_
2.2
100
18.4
8.8(7.92)
5.1(4.59)
CTLVC6045F-2R3_
2.3
100
19
8.8(7.92)
5.0(4.50)
CTLVC6045F-3R0_
3.0
100
22
7.8(7.02)
4.4(3.96)
CTLVC6045F-3R3_
3.3
100
24
7.5(6.75)
4.3(3.87)
CTLVC6045F-3R6_
3.6
100
24
7.5(6.75)
4.3(3.87)
CTLVC6045F-3R9_
3.9
100
26
7.0(6.30)
4.0(3.60)
CTLVC6045F-4R5_
4.5
100
31
6.7(6.03)
3.9(3.51)
CTLVC6045F-4R7_
4.7
100
31
6.7(6.03)
3.9(3.51)
CTLVC6045F-5R1_
5.1
100
33
6.0(5.40)
3.5(3.15)
CTLVC6045F-6R3_
6.3
100
40
5.5(4.95)
3.3(2.97)
CTLVC6045F-6R8_
6.8
100
43
5.3(4.77)
3.2(2.88)
CTLVC6045F-8R2_
8.2
100
53
4.6(4.10)
2.9(2.60)
CTLVC6045F-100_
10
100
57
4.5(4.05)
2.7(2.43)
CTLVC6045F-150_
15
100
80
3.4(3.06)
2.2(1.98)
CTLVC6045F-180_
18
100
100
3.1(2.79)
1.8(1.62)
CTLVC6045F-220_
22
100
125
3.0(2.70)
1.9(1.71)
CTLVC6045F-270_
27
100
160
2.5(2.25)
1.3(1.17)
CTLVC6045F-330_
33
100
165
2.3(2.07)
1.4(1.26)
CTLVC6045F-470_
47
100
245
1.9(1.71)
1.2(1.08)
CTLVC6045F-680_
68
100
330
1.6(1.44)
1.0(0.90)
CTLVC6045F-101_
100
100
500
1.3(1.17)
0.8(0.72)
CTLVC6045F-221_
220
100
1300
0.82(0.73)
0.38(0.34)
CTLVC6045F-331_
330
100
1800
0.7(0.63)
0.35(0.31)
CTLVC6045F-102_
1000
100
6000
0.4(0.36)
0.22(0.19)
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductors sealed with magnetic resin.
Applications: Smart phones, DSC, Tablet PC’s, DC/DC convert-
ers, etc.
Operating Temperature: -55°C to 125°C (including
self - temperature rise)
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100kHz, 1V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
BC
D
D
Magnetic Shielding
5.7
2.0
2.4
2.0
Size
mm
inches
CTLVC6045F-100_
10
100
57
4.5(4.05)
2.7(2.43)
CTLVC6045F-150_
15
100
80
3.4(3.06)
2.2(1.98)
CTLVC6045F-180_
18
100
100
3.1(2.79)
1.8(1.62)
CTLVC6045F-220_
22
100
125
3.0(2.70)
1.9(1.71)
CTLVC6045F-270_
27
100
160
2.5(2.25)
1.3(1.17)
CTLVC6045F-330_
33
100
165
2.3(2.07)
1.4(1.26)
CTLVC6045F-470_
47
100
245
1.9(1.71)
1.2(1.08)
CTLVC6045F-680_
68
100
330
1.6(1.44)
1.0(0.90)
Unit: mm
A
B
C
D
6.0±0.2
6.0±0.2
4.5+0.2, -0.3
1.8±0.3
0.236±0.008
0.236±0.008
0.177+0.008, -0.012
0.071±0.012
CTLVC6045F-102_
1000
100
6000
0.4(0.36)
0.22(0.19)


Similar Part No. - CTLVC6045F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLVC6020F CT-CTLVC6020F Datasheet
89Kb / 1P
Power Inductors - Shielded
REV 03.05.15
CTLVC6020F-100M CT-CTLVC6020F-100M Datasheet
89Kb / 1P
Power Inductors - Shielded
REV 03.05.15
CTLVC6020F-100N CT-CTLVC6020F-100N Datasheet
89Kb / 1P
Power Inductors - Shielded
REV 03.05.15
CTLVC6020F-150M CT-CTLVC6020F-150M Datasheet
89Kb / 1P
Power Inductors - Shielded
REV 03.05.15
CTLVC6020F-150N CT-CTLVC6020F-150N Datasheet
89Kb / 1P
Power Inductors - Shielded
REV 03.05.15
More results

Similar Description - CTLVC6045F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com