Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64169 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM64169
Description  Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64169 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM64169 Datasheet HTML 17Page - OKI electronic componets MSM64169 Datasheet HTML 18Page - OKI electronic componets MSM64169 Datasheet HTML 19Page - OKI electronic componets MSM64169 Datasheet HTML 20Page - OKI electronic componets MSM64169 Datasheet HTML 21Page - OKI electronic componets MSM64169 Datasheet HTML 22Page - OKI electronic componets MSM64169 Datasheet HTML 23Page - OKI electronic componets MSM64169 Datasheet HTML 24Page - OKI electronic componets MSM64169 Datasheet HTML 25Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
¡ Semiconductor
MSM64169
Measuring Circuit 5
C1
C2
XTAL
C12
VSS1
VSS3
VSS
Ca
Cb
XT
XT
CZ2
CI
CZ1
RI
VDD
AIN0
VrA
RCM
RI
CZ1
CI
CZ2
VG
OPN1
OPO1
VSS2
VDD
CL
VSSL
R1
Ca, Cb, C12, CL
XTAL
RI
CI, CZ1, CZ2
CN
RA
RVOF
RS
R0, R1
Rg
: 0.1 mF
: 32.768 kHz
: 750 kW
: 0.1 mF
: 1000 pF
: 10 kW
: 10 kW max
: 10 kW max
: 270 kW
: 100 kW max
RS
RA
VSSA
VDDA
CN
VOF
RA
RV0F
OPN0
Rg
OPO0
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com