Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-786 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-786
Description  LGA 1151 Intel짰 Xeon짰 E & 8th Generation Core??ATX Server Board with 4 DDR4, 7 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-786 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-786 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-786 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-786
Ordering Information
Part Number
Chipset
Memory
LAN
SATAIII
IPMI
ASMB-786G2-00A1E
C246
DDR4 Non-ECC/ECC UDIMM
2
8
-
ASMB-786G4-00A1E
C246
DDR4 Non-ECC/ECC UDIMM
4
8
Y
Packing List
Part Number
Description
Quantity
2001S78610
Startup manual
x 1
1700003194
SATA data cables
x 1
1700019381
SATA data cable (right angle)
x 1
1700022749-11
SATA power cables
x 2
(TBD)
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
1700002204
Dual port USB 2.0 cable (27 cm) with bracket
1700008461
Four port USB 2.0 cable (30.5 cm) with bracket
1960052651N021
LGA 1151/1150/1155 CPU cooler for 2U/4U and
wallmount chassis (TDP up to 95W)
1960049408N001
LGA 1151/1150/1155 CPU heatsink for 1U chassis (TDP
up to 95W)
(TBD)
1U I/O shield
1700008809
Printer port cable kit (25 cm)
1700020294-01
Printer port cable kit (42 cm)
1701090401
Single port RS-232 cable with bracket (40 cm)
1700020277-01
Dual port USB 3.0 cable with bracket (30 cm)
1700019268-11
Cable for onboard KBMS1 connector (35cm)
1960063434N000
Cable bracket for 1700019268-11
(TBD)
BMC VGA cable
PCA-COM232-00A1E
4 ports RS-232 module to LPC connector
PCA-COM485-00A1E
4 ports RS-485 module to LPC connector
PCA-TPM-00B1E
TPM 2.0 Module by LPC
Note : Purchasing ASMB-786's proprietary CPU cooler from Advantech is a must. Other brands'
CPU coolers are NOT compatible with ASMB-786.
Block Diagram
Block Diagram
Intel Xeon E and
8th Generation
Core i3/i5/i7 series
Processors
Intel C246
PCH
Channel A
(ECC) DDR4 2133/2400/2666
(ECC) DDR4 2133/2400/2666
(ECC) DDR4 2133/2400/2666
(ECC) DDR4 2133/2400/2666
HD Audio
AUDIO ALC892
PCIe Gen1 x1
GbE LAN1: I219
MDI
RJ45
10/100/1G
PCIe Gen2 x1
GbE LAN4: I210
MDI
RJ45
10/100/1G
PCIe Gen2 x1
GbE LAN3: I210
MDI
RJ45
10/100/1G
PCIe Gen2 x1
GbE LAN2: I210
HWM NCT7802Y
Pin Header
LPC Connector
USB 2.0
PCIe Gen2 x1
BMC
AST2400
Super I/O
Nuvoton
NCT6776D
MDI
SM BUS
LPC BUS
RJ45
10/100/1G
DDR3
DRAM
RGB
VGA
Connector
SPI
SPI Flash
32MB
Audio
AUDIO Conn.
&
SPDIF OUT
Channel B
PCIe Gen3 x8
PCIe x16 Slot
Slot 6
PCIe x16 Slot
Slot 4
PCIe Gen3 x4
PCIe x4 Slot
Slot 2
PCIe Gen3 x4
PCIe x4 Slot
Slot 7
PCIe Gen3 x1
PCIe x1 Slot
Slot 1
PCIe Gen3 x1
PCIe x1 Slot
Slot 3
PCIe Gen3 x1
PCIe x1 Slot
Slot 5
SATA3
6 Gb/s
CASE OPEN
WDT
H/W Monitor
PS/2 KB, MS
2 x RS-232
8 bit GPIO Pin Header
LPT Connector
SPI BUS
SPI BIOS
Display Port 1
PCIe Gen3 x8
PCIe Gen3 x8
TMDS
Level Shifter
PCIe Gen3 x8
Switch
DVI-D
Display Port 3
TMDS
Converter
HDMI
Display Port
Embedded
RGB
Converter
VGA D-Sub
8 x SATA3
(RAID 0,1,5,10)
USB 2.0
7 x USB2.0
USB 3.1
6 x USB3.1
ASMB-786G2-00A1
ASMB-786G4-00A1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com