Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-975 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-975
Description  Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-975 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-975 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-975 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Server Motherboards
Features
ƒ Proprietary Server Board with dual Xeon® Scalable processors
ƒ DDR4 2666 MHz RDIMM up to 384 GB (12 DIMMs), support Apache Pass
ƒ 14 SATA3 connectors (including 2 SATA M.2)
ƒ Four PCIe x16 slots (Gen3) for double-deck cards
ƒ Intel® X557-AT2 dual 10GbE ports
ƒ 0 ~ 40 °C ambient operation temperature range
Dual LGA 3647-P0 Intel® Xeon® Scalable
Proprietary Server Board with 12 DDR4,
4 PCIe x16 + 1 PCIe x8+4 PCIe x4,
14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
Specifications
Form Factor
Proprietary (14.1" x 13")
Processor System
Socket
Intel LGA 3647-P0
CPU type
Intel Xeon Scalable dual processors (CPU cooler should be purchased separately and TDP up to 205W)
Core Logic
Chipset
Intel C621/C622 chipset
Memory
Total slots
12 (1 DIMM per channel)
Capacity
Maximum 384 GB ECC RDIMM
Memory type
DDR4 ECC-REG 2133/2400 /2666 MHz DIMM, support Apache Pass
Memory size
4 GB, 8 GB, 16 GB, 32 GB
Expansion Slots
Total PCIe slots
9
Slot location 1
PCIe x4 slot (x4 link), signal from CPU1
Slot location 2
PCIe x16 slot (x16 link), signal from CPU0
Slot location 3
PCIe x4 slot (x4 link), signal from CPU1
Slot location 4
PCIe x16 slot (x16 link), signal from CPU1
Slot location 5
PCIe x4 slot (x4 link), signal from CPU0
Slot location 6
PCIe x16 slot (x16 link), signal from CPU1
Slot location 7
PCIe x4 slot (x4 link), signal from CPU0
Slot location 8
PCIe x16 slot (x16 link), signal from CPU0
Slot location 9
PCIe x8 slot (x8 link), signal from CPU1
Graphics
VGA
Aspeed AST 2500/2510
Storage
IDE controller
-
SATA controller
Intel C621/C622: 12 x SATA3 + 2 x M.2 6 Gb/s ports Intel Rapid Storage Technology (for Windows only)
SAS controller
-
Networking
GbE/10GbE LAN
2 x Intel I210AT / Intel X557-AT2 (dual 10GbE ports)
Onboard I/O Connectors
Floppy connector
-
PSU connector
24-pin SSI power connector + 2 x 8-pin SSI 12 V power connector + 4-pin SSI 12 V power connector
USB connector
2 x USB2.0 ports (two onboard headers) + 4 x USB3.0 ports (two onboard headers) + 1 x Type-A USB2.0 port
Fan header
8 (6 for system fan + 2 for CPU fan)
SMBus
1
Chassis intruder
1
Front LAN LED
2
Audio Header
1
PS/2 KB/Mouse
1
Serial port header
1
Rear I/O Connectors
External serial port
1
External USB port
4 (USB3.0)
VGA port
1
RJ-45
4 (Lan2 sharing IPMI)
PS/2 KB/mouse
-
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
8P_0
8P_1
1.37A
6.83A
0.09A
0.14A
0.03A
4.4A
4.2A
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimension (L x H)
358.1 x 330.2 mm (14.1" x 13")
ASMB-975
NEW
COM2
PCIEX16_SLOT2
PCIEX4_SLOT3
PCIEX8_Slot 9
PCIEX4_Slot 7
PCIEX4_Slot 5
SYSFAN4
LAN1_USB1_2
PCIEX16_Slot 4
PCIEX16_Slot 6
PCIEX16_Slot 8
LAN2_USB3_4
PCIEX4_SLOT1
SSATA0_1
SATA0_1
SSATA2_3
SATA2_3
SATA4_5
SATA6_7
DIMMF_E_D
DIMMA1
DIMMB1
DIMMC1
DIMMJ1
DIMMG1
VGA1_COM1
LAN3_4
DIMMK1
DIMMH1
DIMML1
DIMMI1
ATXPWR1
All product specifications are subject to change without notice.
Last updated: 22-Sep-2017


Similar Part No. - ASMB-975

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-976-00A1 ADVANTECH-ASMB-976-00A1 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-976T2-00A1 ADVANTECH-ASMB-976T2-00A1 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
ASMB-977I-00A1 ADVANTECH-ASMB-977I-00A1 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results

Similar Description - ASMB-975

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-820I ADVANTECH-ASMB-820I Datasheet
2Mb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-310IR ADVANTECH-ASMB-310IR Datasheet
2Mb / 2P
Dual LGA 1366 Intel짰 Xeon짰 5500/5600 CEB Server Board with 2 PCIe x16 or 4 PCIe x8, SAS RAID
ASMB-820I-00A1E ADVANTECH-ASMB-820I-00A1E Datasheet
581Kb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-823-00A1E ADVANTECH-ASMB-823-00A1E Datasheet
600Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3 ATX Server Board with DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI 2.0
ASMB-815 ADVANTECH-ASMB-815 Datasheet
852Kb / 2P
LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 5 PCIe x8 or 2 PCIe x16 and 1 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-825 ADVANTECH-ASMB-825 Datasheet
517Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 4 PCIe x16 2 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-923 ADVANTECH-ASMB-923_V01 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
ASMB-925 ADVANTECH-ASMB-925 Datasheet
469Kb / 2P
Dual LGA3647-P0 Intel짰 Xeon짰 Scalable EATX Server Board with 12 DDR4, 5 PCIe x16 1 PCIe x8 1 PCI, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-935 ADVANTECH-ASMB-935 Datasheet
444Kb / 2P
Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
17-Feb-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com