Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BML046R Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BML046R
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML046R Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BML046R Datasheet HTML 1Page - Balluff Korea Ltd. BML046R Datasheet HTML 2Page - Balluff Korea Ltd. BML046R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Magnetically Coded Sensors
BML-S1H2-S6RC-M3AA-D0-KA00,3-S284
Order Code: BML046R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 278855
ETIM 6.0: EC002544
BML046R_0.34_2021-10-04
2 / 3
Environmental conditions
Altitude max.
2000 m
Ambient temperature
-20...80 °C
Cable temperature, drag chain
-25...85 °C
Cable temperature, fixed routing
-40...85 °C
Cable temperature, flexible routing
-25...85 °C
EN 55016-2-3, Radiation
Industrial areas
EN 60068-2-27, Continuous shock
100 g, 2 ms
EN 60068-2-27, Shock
100 g, 6 ms
EN 60068-2-6, Vibration
12 g, 10…2000 Hz
EN 61000-4-2, ESD
Severity Level 4
EN 61000-4-3, RFI
Severity Level 3
EN 61000-4-4, Burst
Severity Level 3
EN 61000-4-5, Surge
Severity Level 2
EN 61000-4-6, High-frequency fields
Severity Level 3
EN 61000-4-8 Magnetic fields
Severity Level 5
Ext. magnetic fields max., in
operation
1 mT (no effect)
IP rating IEC 60529 (connector)
IP67
Overall system temperature
coefficient
10.5 ppm/K
Relative humidity
≤ 90 %, non-condensing
Storage temperature
-30...85 °C
Functional safety
MTTF (40 °C)
1177 a
Interface
Bits, number
16 Bit
Clock
RS422 differential signal
Count direction
rising
Differential signals
yes
Interface
SSI
Analog Sin/Cos (1 Vpp)
Interface coding
Gray
Preset
configurable via software tool
Real-time signals
Analog, sin/cos
SSI clock frequency max.
4 MHz
SSI clock frequency min.
0.1 MHz
SSI data
16x position
Signal sequence
A before B = rising
Material
Cable flame-resistant
UL94 V0 and IEC 60332/2
Housing material
Aluminum
Material jacket
PUR
Mechanical data
Dimension
14 x 13 x 40 mm
Lateral offset (Y)
±0.2 mm
Mounting part
M4 thread
Pitch max.
±0.3 °
Pole width
1 mm
Procedure direction
transverse to tape
Roll max.
±0.3 °
Weight
25 g (excluding cable)
Yaw max. ±
0.3 °
Range/Distance
Interpolation factor
1024
Measuring range
64 mm
Non-linearity max.
±7 µm
Non-linearity of sensor head, max.
±2 µm
Read distance
0.01...0.35 mm
Repeat accuracy
≤ 1 µm
Resolution
0.9765625 µm (1000/1024 µm)
Traverse speed max.
7 m/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com