Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRLB9012F Datasheet(PDF) 1 Page - Central Technologies

Part # CTRLB9012F
Description  Peaking Coils - Radial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRLB9012F Datasheet(HTML) 1 Page - Central Technologies

  CTRLB9012F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.24.14
Peaking Coils - Radial
www.ctparts.com
CTRLB9012F
Series
From 1.0µH to 47,000µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance:
K = ±10%, M = ±20%
Inductance
Q
DCR
SRF
IDC
Part
@1kHz
Q
Test Freq.
Max.
Min.
Max.
Number
(µH)
Ref.
(MHz)
(
Ω)
(MHz)
(mA)
CTRLB9012F-1R0M
1.0
20
7.96
0.013
150.0
10.0
CTRLB9012F-1R5M
1.5
20
7.96
0.016
100.0
8.50
CTRLB9012F-2R2M
2.2
20
7.96
0.021
90.0
6.50
CTRLB9012F-3R3M
3.3
20
7.96
0.025
65.0
5.50
CTRLB9012F-4R7M
4.7
20
7.96
0.030
51.0
4.60
CTRLB9012F-6R8K
6.8
20
7.96
0.035
29.0
4.10
CTRLB9012F-100K
10
50
2.52
0.045
14.0
3.40
CTRLB9012F-120K
12
50
2.52
0.050
13.0
3.10
CTRLB9012F-150K
15
50
2.52
0.056
12.0
2.90
CTRLB9012F-180K
18
40
2.52
0.061
11.0
2.66
CTRLB9012F-220K
22
40
2.52
0.070
9.2
2.40
CTRLB9012F-270K
27
40
2.52
0.080
8.5
2.22
CTRLB9012F-330K
33
30
2.52
0.090
7.8
2.05
CTRLB9012F-390K
39
30
2.52
0.100
6.9
1.85
CTRLB9012F-470K
47
30
2.52
0.160
6.5
1.77
CTRLB9012F-560K
56
30
2.52
0.180
5.4
1.48
CTRLB9012F-680K
68
30
2.52
0.210
4.9
1.36
CTRLB9012F-820K
82
30
2.52
0.230
4.1
1.30
CTRLB9012F-101K
100
20
0.796
0.280
3.7
1.40
CTRLB9012F-121K
120
20
0.796
0.320
3.4
1.25
CTRLB9012F-151K
150
20
0.796
0.370
3.2
1.15
CTRLB9012F-181K
180
20
0.796
0.580
2.8
1.08
CTRLB9012F-221K
220
20
0.796
0.650
2.7
1.00
CTRLB9012F-271K
270
20
0.796
0.750
2.4
0.90
CTRLB9012F-331K
330
20
0.796
0.850
2.3
0.78
CTRLB9012F-391K
390
20
0.796
1.00
2.1
0.74
CTRLB9012F-471K
470
20
0.796
1.10
1.9
0.68
CTRLB9012F-561K
560
20
0.796
1.40
1.8
0.64
CTRLB9012F-681K
680
20
0.796
1.60
1.6
0.59
CTRLB9012F-821K
820
20
0.796
1.80
1.5
0.56
CTRLB9012F-102K
1000
20
0.252
2.90
1.3
0.51
CTRLB9012F-122K
1200
15
0.252
3.40
1.2
0.48
CTRLB9012F-152K
1500
15
0.252
3.80
1.1
0.43
CTRLB9012F-182K
1800
15
0.252
5.30
1.0
0.39
CTRLB9012F-222K
2200
15
0.252
5.90
0.8
0.36
CTRLB9012F-272K
2700
15
0.252
8.20
0.70
0.32
CTRLB9012F-332K
3300
15
0.252
9.10
0.60
0.29
CTRLB9012F-392K
3900
15
0.252
9.90
0.55
0.27
CTRLB9012F-472K
4700
15
0.252
13.60
0.50
0.24
CTRLB9012F-562K
5600
15
0.252
14.90
0.45
0.22
CTRLB9012F-682K
6800
15
0.252
20.70
0.40
0.20
CTRLB9012F-822K
8200
15
0.252
22.70
0.35
0.18
CTRLB9012F-103K
10000
15
0.0796
25.10
0.32
0.17
CTRLB9012F-123K
12000
15
0.0796
34.70
0.28
0.15
CTRLB9012F-153K
15000
15
0.0796
48.90
0.25
0.14
CTRLB9012F-183K
18000
15
0.0796
53.60
0.23
0.12
CTRLB9012F-223K
22000
15
0.0796
59.30
0.21
0.11
CTRLB9012F-273K
27000
15
0.0796
82.70
0.19
0.10
CTRLB9012F-333K
33000
15
0.0796
91.50
0.17
0.09
CTRLB9012F-393K
39000
15
0.0796
125.50
0.15
0.08
CTRLB9012F-473K
47000
15
0.0796
137.80
0.12
0.08
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Radial leaded fixed inductor.
Applications: Power supplies, DC/DC converters, Filters, RFI
Suppression, etc.
Operating Temperature: -55°C to +125°C
Saturation Current: Based on the inductance change within 5%
of initial value and temperature rise of initial value less than 30°C
within coil body.
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A at 1.0KHz.
Packaging: Bulk pack.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
F
D
C
E
A
B
A
B
C
D
E
F
Max.
Max.
9.0
12.2
18.0±5.0
25.0±5.0
0.66±0.05
5.00±0.80
0.354
0.480
0.709±0.197
0.984±0.197
0.026±0.002
0.197±0.031
Size
mm
inches
CTRLB9012F-100K
10
50
2.52
0.045
14.0
3.40
CTRLB9012F-120K
12
50
2.52
0.050
13.0
3.10
CTRLB9012F-150K
15
50
2.52
0.056
12.0
2.90
CTRLB9012F-180K
18
40
2.52
0.061
11.0
2.66
CTRLB9012F-220K
22
40
2.52
0.070
9.2
2.40
CTRLB9012F-270K
27
40
2.52
0.080
8.5
2.22
CTRLB9012F-330K
33
30
2.52
0.090
7.8
2.05
CTRLB9012F-390K
39
30
2.52
0.100
6.9
1.85
CTRLB9012F-470K
47
30
2.52
0.160
6.5
1.77
CTRLB9012F-560K
56
30
2.52
0.180
5.4
1.48
CTRLB9012F-680K
68
30
2.52
0.210
4.9
1.36
CTRLB9012F-820K
82
30
2.52
0.230
4.1
1.30
CTRLB9012F-102K
1000
20
0.252
2.90
1.3
0.51
CTRLB9012F-122K
1200
15
0.252
3.40
1.2
0.48
CTRLB9012F-152K
1500
15
0.252
3.80
1.1
0.43
CTRLB9012F-182K
1800
15
0.252
5.30
1.0
0.39
CTRLB9012F-222K
2200
15
0.252
5.90
0.8
0.36
CTRLB9012F-272K
2700
15
0.252
8.20
0.70
0.32
CTRLB9012F-332K
3300
15
0.252
9.10
0.60
0.29
CTRLB9012F-392K
3900
15
0.252
9.90
0.55
0.27
CTRLB9012F-472K
4700
15
0.252
13.60
0.50
0.24
CTRLB9012F-562K
5600
15
0.252
14.90
0.45
0.22
CTRLB9012F-682K
6800
15
0.252
20.70
0.40
0.20
CTRLB9012F-822K
8200
15
0.252
22.70
0.35
0.18


Similar Part No. - CTRLB9012F

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
CTRL-1-D STRUCTURED-CABLE-CTRL-1-D Datasheet
462Kb / 1P
UNIVERSAL CONTROL CABLE- 2C/22 AWG STRANDED BC
CTRL-1-LSZH STRUCTURED-CABLE-CTRL-1-LSZH Datasheet
558Kb / 1P
UNIVERSAL CONTROL CABLE- LOW SMOKE ZERO HALOGEN
Rev1023
CTRL-2-D STRUCTURED-CABLE-CTRL-2-D Datasheet
496Kb / 1P
UNIVERSAL CONTROL CABLE- 2C/16 AWG STRANDED BC
3/15/2019
CTRL-2-LSZH STRUCTURED-CABLE-CTRL-2-LSZH Datasheet
527Kb / 1P
UNIVERSAL CONTROL CABLE- LOW SMOKE ZERO
CTRL-3-LSZH STRUCTURED-CABLE-CTRL-3-LSZH Datasheet
133Kb / 1P
2C/22 AWG STRANDED BC
More results

Similar Description - CTRLB9012F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT181LYF CT-CT181LYF Datasheet
165Kb / 1P
Peaking Coils - Radial
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
Peaking Coils - Radial
CT262LYF CT-CT262LYF Datasheet
350Kb / 1P
Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
Peaking Coils - Radial
CTCH108F CT-CTCH108F Datasheet
476Kb / 1P
Peaking Coils - Radial
CTCH114F CT-CTCH114F Datasheet
467Kb / 1P
Peaking Coils - Radial
CTCH875F CT-CTCH875F Datasheet
472Kb / 1P
Peaking Coils - Radial
CTRFB1010F CT-CTRFB1010F Datasheet
489Kb / 1P
Peaking Coils - Radial
CTRFB0810F CT-CTRFB0810F Datasheet
318Kb / 1P
Peaking Coils - Radial
CTRL5480F-3 CT-CTRL5480F-3 Datasheet
331Kb / 1P
Peaking Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com