Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRL6050F-331M Datasheet(PDF) 1 Page - Central Technologies

Part # CTRL6050F-331M
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRL6050F-331M Datasheet(HTML) 1 Page - Central Technologies

  CTRL6050F-331M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 12.11.09
Power Inductors - Unshielded
www.ctparts.com
CTRL6050F
Series
From 10 µH to 1200 µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
*Irms: Temp. rise = 40°C Max.
**Isat: DL/L0 = 5% Max.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
(W)
(A)
(A)
Number
(µH)
(KHz)
Max.
Max.
Max.
CTRL6050F-100M
10
1.0
0.06
3.50
6.00
CTRL6050F-120M
12
1.0
0.07
3.40
5.60
CTRL6050F-150M
15
1.0
0.08
3.10
4.90
CTRL6050F-180M
18
1.0
0.09
3.00
4.30
CTRL6050F-220M
22
1.0
0.10
2.60
4.10
CTRL6050F-270M
27
1.0
0.11
2.40
3.60
CTRL6050F-330M
33
1.0
0.12
2.30
3.30
CTRL6050F-390M
39
1.0
0.14
2.10
3.00
CTRL6050F-470M
47
1.0
0.17
1.95
2.80
CTRL6050F-560M
56
1.0
0.19
1.85
2.50
CTRL6050F-680M
68
1.0
0.22
1.65
2.30
CTRL6050F-820M
82
1.0
0.25
1.50
2.00
CTRL6050F-101M
100
1.0
0.35
1.40
1.80
CTRL6050F-121M
120
1.0
0.40
1.30
1.70
CTRL6050F-151M
150
1.0
0.47
1.20
1.50
CTRL6050F-181M
180
1.0
0.63
1.00
1.40
CTRL6050F-221M
220
1.0
0.73
0.95
1.30
CTRL6050F-271M
270
1.0
0.97
0.90
1.20
CTRL6050F-331M
330
1.0
1.15
0.80
1.00
CTRL6050F-391M
390
1.0
1.30
0.75
0.96
CTRL6050F-471M
470
1.0
1.48
0.65
0.87
CTRL6050F-561M
560
1.0
1.90
0.60
0.80
CTRL6050F-681M
680
1.0
2.45
0.50
0.73
CTRL6050F-821M
820
1.0
2.55
0.48
0.66
CTRL6050F-102M
1000
1.0
3.00
0.46
0.60
CTRL6050F-122M
1200
1.0
3.50
0.35
0.54
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Power Inductor.
Applications: Switching regulators, power amplifiers, power
supplies, noise / EMI / RFI filtering.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 1KHz, 1V.
Packaging: Tape & reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
C
D
Marking
5.0 Ref.
3.2 Ref.
5.4 Ref.
3.2 Ref.
A
B
C
D
E
F
Max.
Max.
Max.
Ref.
Ref.
Ref.
11.70
14.00
8.40
4.00
2.54
6.10
0.460
0.551
0.330
0.157
0.100
0.240
Size
mm
inches


Similar Part No. - CTRL6050F-331M

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
CTRL-1-D STRUCTURED-CABLE-CTRL-1-D Datasheet
462Kb / 1P
UNIVERSAL CONTROL CABLE- 2C/22 AWG STRANDED BC
CTRL-1-LSZH STRUCTURED-CABLE-CTRL-1-LSZH Datasheet
558Kb / 1P
UNIVERSAL CONTROL CABLE- LOW SMOKE ZERO HALOGEN
Rev1023
CTRL-2-D STRUCTURED-CABLE-CTRL-2-D Datasheet
496Kb / 1P
UNIVERSAL CONTROL CABLE- 2C/16 AWG STRANDED BC
3/15/2019
CTRL-2-LSZH STRUCTURED-CABLE-CTRL-2-LSZH Datasheet
527Kb / 1P
UNIVERSAL CONTROL CABLE- LOW SMOKE ZERO
CTRL-3-LSZH STRUCTURED-CABLE-CTRL-3-LSZH Datasheet
133Kb / 1P
2C/22 AWG STRANDED BC
More results

Similar Description - CTRL6050F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com