Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6720 Datasheet(PDF) 39 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6720 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO6720_V02 Datasheet HTML 35Page - Texas Instruments ISO6720_V02 Datasheet HTML 36Page - Texas Instruments ISO6720_V02 Datasheet HTML 37Page - Texas Instruments ISO6720_V02 Datasheet HTML 38Page - Texas Instruments ISO6720_V02 Datasheet HTML 39Page - Texas Instruments ISO6720_V02 Datasheet HTML 40Page - Texas Instruments ISO6720_V02 Datasheet HTML 41Page - Texas Instruments ISO6720_V02 Datasheet HTML 42Page - Texas Instruments ISO6720_V02 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
13.1 Package Option Addendum
Packaging Information
Orderable
Device
Status(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan(2)
Lead/Ball
Finish(6)
MSL Peak
Temp(3)
Op Temp (°C)
Device
Marking(4) (5)
ISO6720BDR
ACTIVE
SOIC
D
8
3000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
-40 to 125
6720B
ISO6720FBDR ACTIVE
SOIC
D
8
3000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
-40 to 125
6720FB
ISO6721BDR
ACTIVE
SOIC
D
8
3000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
-40 to 125
6721B
ISO6721FBDR ACTIVE
SOIC
D
8
3000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
-40 to 125
6721FB
ISO6721RBDR ACTIVE
SOIC
D
8
3000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
-40 to 125
21RB
ISO6721RFBD
R
ACTIVE
SOIC
D
8
3000
Green (RoHS &
no Sb/Br)
NIPDAU
Level-2-260C-1
YEAR
-40 to 125
21RFB
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0D – JANUARY 2020 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com