Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BML0391 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML0391
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML0391 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML0391 Datasheet HTML 1Page - Balluff Korea Ltd. BML0391 Datasheet HTML 2Page - Balluff Korea Ltd. BML0391 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Magnetically Coded Sensors
BML-S1H1-S6QC-M3AA-D0-KA00,3-S284
Order Code: BML0391
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 278901
ETIM 6.0: EC002544
BML0391_0.36_2021-08-25
1 / 3
1) not included in scope of delivery, 2) Distance to tape, 3) Tape, 4) Cable length, 5) Active measurement surface
Basic features
Additional features 01
Analog, sin/cos
Additional features 03
Real-time capable
Application
linear motion
Approval/Conformity
cURus
CE
EAC
WEEE
Measuring principle
absolute measuring system
Series
S1H
Electrical connection
Bending radius min., fixed cable
7.5 x D
Bending radius min., flexible cable
15 x D
Cable diameter D
4.9...5.2 mm
Cable length L
0.3 m, Drag chain compatible
Conductor cross-section
0.08 mm²
Connection
Cable with connector, M12x1-
Male, 12-pin, 0.3 m, PUR
Connection type
Cable with connector, 0.3 m, PUR
Connection version
axial
Number of conductors
12
Polarity reversal protected
no
Electrical data
Current consumption max. at 5 V DC 60 mA
Hysteresis H max.
2 µm
Operating voltage Ub
4.75...5.25 VDC
Overvoltage protection
no
Periods
1 mm
Switch-on delay max.
100 ms
Voltage-proof up to (GND to housing) 500 V DC


Similar Part No. - BML0391

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0392 BALLUFF-BML0392 Datasheet
116Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML0393 BALLUFF-BML0393 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML0394 BALLUFF-BML0394 Datasheet
116Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML039J BALLUFF-BML039J Datasheet
74Kb / 1P
Magnetically Coded Sensors
2023-12-20
BML039K BALLUFF-BML039K Datasheet
74Kb / 1P
Magnetically Coded Sensors
2024-08-27
More results

Similar Description - BML0391

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com