Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BML0515 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BML0515
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML0515 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BML0515 Datasheet HTML 1Page - Balluff Korea Ltd. BML0515 Datasheet HTML 2Page - Balluff Korea Ltd. BML0515 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Magnetically Coded Sensors
BML-S1G0-S76G-M5EZ-90-S284
Order Code: BML0515
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 278922
ETIM 6.0: EC002544
BML0515_0.34_2021-08-25
2 / 3
Environmental conditions
Altitude max.
2000 m
Ambient temperature
-20...70 °C
EN 55016-2-3, Radiation
Industrial areas
EN 60068-2-27, Continuous shock
150 g, 2 ms
EN 60068-2-27, Shock
100 g, 6 ms
EN 60068-2-6, Vibration
20 g, 10…2000 Hz
EN 60068-2-64, Noise
20 g, 5…2000 Hz
EN 61000-4-2, ESD
Severity Level 4
EN 61000-4-3, RFI
Severity Level 3
EN 61000-4-4, Burst
Severity Level 3
EN 61000-4-5, Surge
Severity Level 2
EN 61000-4-6, High-frequency fields
Severity Level 3
EN 61000-4-8 Magnetic fields
Severity Level 5
Ext. magnetic fields max., in
operation
1 mT (no effect)
IP rating IEC 60529 (connector)
IP67
Overall system temperature
coefficient
10.5 ppm/K
Relative humidity
≤ 90 %, non-condensing
Storage temperature
-25...85 °C
Functional safety
MTTF (40 °C)
93 a
Interface
Bits, number
25 Bit
Clock
RS422 differential signal
Count direction
rising
Differential signals
yes
Error signal
yes
Interface
SSI
Interface coding
Binary
Preset
configurable via hardware PIN or
software tool
SSI clock frequency max.
900 kHz
SSI clock frequency min.
70 kHz
SSI data
1x error bit
1x null bit
23x position
Material
Housing material
Die-cast zinc, nickel plated,
Chrome-plated
Housing material, surface protection nickel-plated
Chrome-plated
Mechanical data
Diameter min.
243 mm
Dimension
16 x 18.5 x 80.3 mm
Lateral offset (Y)
±0.5 mm
Mounting part
Through-hole 4.3 mm
Pitch max.
±0.5 °
Pole width
2 mm
Procedure direction
Lengthwise to tape
Roll max.
±0.5 °
Tangential offset (X) max.
±0.5 mm
Weight
78 g
Yaw max. ±
0.2 °
Range/Distance
Interpolation factor
200
Measuring range
40 m
Non-linearity of sensor head, max.
±2 µm
Optimal read distance
0.4 mm
Read distance
0.01...0.8 mm
Repeat accuracy
≤ 1 µm
Resolution
10 µm
Traverse speed max., absolute
interface
10 m/s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com