Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2213 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML2213
Description  Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2213 Datasheet(HTML) 4 Page - OKI electronic componets

  ML2213 Datasheet HTML 1Page - OKI electronic componets ML2213 Datasheet HTML 2Page - OKI electronic componets ML2213 Datasheet HTML 3Page - OKI electronic componets ML2213 Datasheet HTML 4Page - OKI electronic componets ML2213 Datasheet HTML 5Page - OKI electronic componets ML2213 Datasheet HTML 6Page - OKI electronic componets ML2213 Datasheet HTML 7Page - OKI electronic componets ML2213 Datasheet HTML 8Page - OKI electronic componets ML2213 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
FEDL 2213-01
1Semiconductor
ML2213
4/26
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
11 (19)
RESET
l
“L” input to this pin turns the LSI into standby mode. At this point, output from
the AOUT pin rises up to V
DD level, having the LSl initialized internally. By “H”
input to the pin the AOUT output returns to 1/2 V
DD level.
2 (4)
NAR
O
This pin outputs a signal showing empty/full status of the Phase Address
Latch Resister. “H” level indicates the register is empty, and thus the LSI is
ready to accept serial data input. At powering up, the pin outputs “H level”.
3 (5)
BUSY
O
Output “L” level while output signal is present either at the AOUT or MD pin.
At powering up, the pin outputs “H” level.
4 (6)
MD
O
Music output pin
6 (9)
AOUT
O
Analog output pin
5 (8)
GND
Ground pin
9 (16)
CLK
l
External clock input pin
12 (20)
Sl
l
Serial clock input pin
13 (21)
SD
l
Serial data input pin. Input a phrase code corresponding to a phrase address
through this pin.
10 (17)
ST
l
Chip select signal pin. Mask option allows a user to choose either 2-pin (SD
and Sl) interfacing or 3-pin (SD, Sl and
ST) interfacing. When 3-pin inter-
facing is selected, input to the SD and Sl pins is valid while the
ST pin being
held “L”. When 2-pin interfacing is selected, pull this pin down to the GND.
8 (15)
V
DD
Power supply pin. Insert 0.1
µF or larger bypass capacitor between this pin
and the GND pin.
* 14-pin plastic SSOP (24-pin plastic SOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com